Electronic Components Datasheet Search
  English  ▼

X  

56F8367 Datasheet(PDF) 179 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 179Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 180Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 181Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 182Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 184 page
background image
Power Distribution and I/O Ring Implementation
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
179
Preliminary
•
Consider all device loads as well as parasitic capacitance due to PCB traces when calculating capacitance.
This is especially critical in systems with higher capacitive loads that could create higher transient currents
in the VDD and VSS circuits.
•
Take special care to minimize noise levels on the VREF, VDDA and VSSA pins
•
Designs that utilize the TRST pin for JTAG port or EOnCE module functionality (such as development or
debugging systems) should allow a means to assert TRST whenever RESET is asserted, as well as a means
to assert TRST independently of RESET. Designs that do not require debugging functionality, such as
consumer products, should tie these pins together.
•
Because the Flash memory is programmed through the JTAG/EOnCE port, the designer should provide an
interface to this port to allow in-circuit Flash programming
12.3 Power Distribution and I/O Ring Implementation
Figure 12-1 illustrates the general power control incorporated in the 56F8367/56F8167. This chip
contains two internal power regulators. One of them is powered from the VDDA_OSC_PLL pin and cannot
be turned off. This regulator controls power to the internal clock generation circuitry. The other regulator
is powered from the VDD_IO pins and provides power to all of the internal digital logic of the core, all
peripherals and the internal memories. This regulator can be turned off, if an external VDD_CORE voltage
is externally applied to the VCAP pins.
In summary, the entire chip can be supplied from a single 3.3 volt supply if the large core regulator is
enabled. If the regulator is not enabled, a dual supply 3.3V/2.5V configuration can also be used.
Notes:
•
Flash, RAM and internal logic are powered from the core regulator output
•VPP1 and VPP2 are not connected in the customer system
•
All circuitry, analog and digital, shares a common VSS bus
Figure 12-1 Power Management
REG
CORE
VCAP
I/O
ADC
VDD
VSS
REG
VDDA_OSC_PLL
OSC
VSSA_ADC
VDDA_ADC
VREFH
VREFP
VREFMID
VREFN
VREFLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com