Electronic Components Datasheet Search
  English  ▼

X  

ISL6753 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6753
Description  ZVS Full-Bridge PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6753 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6753 Datasheet HTML 3Page - Intersil Corporation ISL6753 Datasheet HTML 4Page - Intersil Corporation ISL6753 Datasheet HTML 5Page - Intersil Corporation ISL6753 Datasheet HTML 6Page - Intersil Corporation ISL6753 Datasheet HTML 7Page - Intersil Corporation ISL6753 Datasheet HTML 8Page - Intersil Corporation ISL6753 Datasheet HTML 9Page - Intersil Corporation ISL6753 Datasheet HTML 10Page - Intersil Corporation ISL6753 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN9182.1
March 10, 2005
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize
noise immunity, bypass VDD to GND with a ceramic
capacitor as close to the VDD and GND pins as possible.
Supply voltage under-voltage lock-out (UVLO) start and stop
thresholds track each other resulting in relatively constant
hysteresis.
GND - Signal and power ground connections for this device.
Due to high peak currents and high frequency operation, a
low impedance layout is necessary. Ground planes and
short traces are highly recommended.
VREF - The 5.00V reference voltage output having 3%
tolerance over line, load and operating temperature. Bypass
to GND with a 0.1
µF to 2.2µF low ESR capacitor.
CT - The oscillator timing capacitor is connected between
this pin and GND. It is charged through an internal 200
µA
current source and discharged with a user adjustable current
source controlled by RTD.
RTD - This is the oscillator timing capacitor discharge
current control pin. The current flowing in a resistor
connected between this pin and GND determines the
magnitude of the current that discharges CT. The CT
discharge current is nominally 20x the resistor current. The
PWM deadtime is determined by the timing capacitor
discharge duration. The voltage at RTD is nominally 2.00V.
CS - This is the input to the overcurrent comparator. The
overcurrent comparator threshold is set at 1.00V nominal.
The CS pin is shorted to GND at the termination of either
PWM output.
Depending on the current sensing source impedance, a
series input resistor may be required due to the delay
between the internal clock and the external power switch.
This delay may result in CS being discharged prior to the
power switching device being turned off.
RAMP - This is the input for the sawtooth waveform for the
PWM comparator. The RAMP pin is shorted to GND at the
termination of the PWM signal. A sawtooth voltage
Typical Performance Curves
FIGURE 1. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 2. CT DISCHARGE CURRENT GAIN vs RTD CURRENT
FIGURE 3. DEADTIME (DT) vs CAPACITANCE
FIGURE 4. CAPACITANCE vs FREQUENCY
40 25 10 5 2035 5065 8095 110
0.98
0.99
1
1.01
1.02
Temperature (C)
0
200
400
600
800
1000
18
19
20
21
22
23
24
25
RTD Current (uA)
0
1020
3040
5060
7080
90 100
10
100
1 .10
3
1 .10
4
RTD (kohms)
CT =
1000pF
680pF
470pF
330pF
220pF
100pF
0.1
1
10
10
100
1 .10
3
CT (nF)
RTD=
10kΩ
50kΩ
100kΩ
ISL6753


Similar Part No. - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
More results

Similar Description - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com