Electronic Components Datasheet Search
  English  ▼

X  

ISL6753 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6753
Description  ZVS Full-Bridge PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6753 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6753 Datasheet HTML 4Page - Intersil Corporation ISL6753 Datasheet HTML 5Page - Intersil Corporation ISL6753 Datasheet HTML 6Page - Intersil Corporation ISL6753 Datasheet HTML 7Page - Intersil Corporation ISL6753 Datasheet HTML 8Page - Intersil Corporation ISL6753 Datasheet HTML 9Page - Intersil Corporation ISL6753 Datasheet HTML 10Page - Intersil Corporation ISL6753 Datasheet HTML 11Page - Intersil Corporation ISL6753 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN9182.1
March 10, 2005
waveform is required at this input. For current-mode control
this pin is connected to CS and the current loop feedback
signal is applied to both inputs. For voltage-mode control,
the oscillator sawtooth waveform may be buffered and used
to generate an appropriate signal, RAMP may be connected
to the input voltage through a RC network for voltage feed
forward control, or RAMP may be connected to VREF
through a RC network to produce the desired sawtooth
waveform.
OUTUL and OUTUR - These outputs control the upper
bridge FETs and operate at a fixed 50% duty cycle in
alternate sequence. OUTUL controls the upper left FET and
OUTUR controls the upper right FET. The left and right
designation may be switched as long as they are switched in
conjunction with the lower FET outputs, OUTLL and OUTLR.
RESDEL - Sets the resonant delay period between the
toggle of the upper FETs and the turn on of either of the
lower FETs. The voltage applied to RESDEL determines
when the upper FETs switch relative to a lower FET turning
on. Varying the control voltage from 0 to 2.00V increases the
resonant delay duration from 0 to 100% of the deadtime. The
control voltage divided by 2 represents the percent of the
deadtime equal to the resonant delay. In practice the
maximum resonant delay must be set lower than 2.00V to
ensure that the lower FETs, at maximum duty cycle, are OFF
prior to the switching of the upper FETs.
OUTLL and OUTLR - These outputs control the lower
bridge FETs, are pulse width modulated, and operate in
alternate sequence. OUTLL controls the lower left FET and
OUTLR controls the lower right FET. The left and right
designation may be switched as long as they are switched in
conjunction with the upper FET outputs, OUTUL and
OUTUR.
VERR - The control voltage input to the inverting input of the
PWM comparator. The output of an external error amplifier
(EA) is applied to this input for closed loop regulation. VERR
has a nominal 1mA pull-up current source.
FB - FB is the inverting input to the error amplifier (EA).
SS - Connect the soft-start timing capacitor between this pin
and GND to control the duration of soft-start. The value of
the capacitor determines the rate of increase of the duty
cycle during start up.
SS may also be used to inhibit the outputs by grounding
through a small transistor in an open collector/drain
configuration.
CTBUF - CTBUF is the buffered output of the sawtooth
oscillator waveform present on CT and is capable of
sourcing 2mA. It is offset from ground by 0.40V and has a
nominal valley-to-peak gain of 2. It may be used for slope
compensation.
Functional Description
Features
The ISL6753 PWM is an excellent choice for low cost ZVS
full-bridge applications employing conventional output
rectification. If synchronous rectification is required, please
consider the ISL6752 or ISL6551 products.
With the ISL6753’s many protection and control features, a
highly flexible design with minimal external components is
possible. Among its many features are support for both
current- and voltage-mode control, a very accurate
overcurrent limit threshold, thermal protection, a buffered
sawtooth oscillator output suitable for slope compensation,
voltage controlled resonant delay, and adjustable frequency
with precise deadtime control.
Oscillator
The ISL6753 has an oscillator with a programmable
frequency range to 2MHz, and can be programmed with an
external resistor and capacitor.
The switching period is the sum of the timing capacitor
charge and discharge durations. The charge duration is
determined by CT and a fixed 200
µA internal current source.
The discharge duration is determined by RTD and CT.
where TC and TD are the charge and discharge times,
respectively, TSW is the oscillator period, and FSW is the
oscillator frequency. One output switching cycle requires two
oscillator cycles. The actual times will be slightly longer than
calculated due to internal propagation delays of
approximately 10nS/transition. This delay adds directly to
the switching duration, but also causes overshoot of the
timing capacitor peak and valley voltage thresholds,
effectively increasing the peak-to-peak voltage on the timing
capacitor. Additionally, if very small discharge currents are
used, there will be increased error due to the input
impedance at the CT pin.
The maximum duty cycle, D, and percent deadtime, DT, can
be calculated from:
T
C
11.5 10
3
CT
S
(EQ. 1)
T
D
0.06 RTD CT
⋅⋅
() 50 10
9
+
S
(EQ. 2)
T
SW
T
C
T
D
+
1
F
SW
------------
==
S
(EQ. 3)
D
T
C
T
SW
------------
=
(EQ. 4)
DT
1
D
=
(EQ. 5)
ISL6753


Similar Part No. - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
More results

Similar Description - ISL6753

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com