Electronic Components Datasheet Search
  English  ▼

X  

ST92195C6 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 121Page - STMicroelectronics ST92195C6 Datasheet HTML 122Page - STMicroelectronics ST92195C6 Datasheet HTML 123Page - STMicroelectronics ST92195C6 Datasheet HTML 124Page - STMicroelectronics ST92195C6 Datasheet HTML 125Page - STMicroelectronics ST92195C6 Datasheet HTML 126Page - STMicroelectronics ST92195C6 Datasheet HTML 127Page - STMicroelectronics ST92195C6 Datasheet HTML 128Page - STMicroelectronics ST92195C6 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 249 page
background image
125/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY(Cont’d)
7.4.9 Register Description
HORIZONTAL BLANK REGISTER (HBLANKR)
R240 - Read/Write
Register Page: 32
Reset Value: 0000 0011 (03h)
It controls the length of the Horizontal Blank which
follows the horizontal sync pulse.
Bits 7:0 = HB[7:0]: The horizontal blank period is
calculated with a pixel down counter loaded on
each Hsync by HB[7:0]. During this period, FB = 0
and (R, G, B) = black.
Thblank = [(HB7*128 + HB6*64 + HB5*32 +
HB4*16 + HB3*8 + HB2*4 + HB1*2 + HB0) * Tpix]
HORIZONTAL POSITION REGISTER (HPOSR)
R241 - Read/Write
Register Page: 32
Reset Value: 0000 0011 (03h)
Bits 7:0 = HP[7:0]: The horizontal start position is
calculated with a pixel down-counter loaded on
each Hsync by HP[7:0]. The first character display
starts when the counter turns to zero.
Hori delay= [(HP7*128 + HP6*64 + HP5*32 +
HP4*16 + HP3*8 + HP2*4 + HP1*2 + HP0) * Tpix]
+ Thblank
VERTICAL POSITION REGISTER (VPOSR)
R242 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bits 7:6 = Reserved, keep in reset state.
Bits 5:0 = VP[5:0]: The vertical start position is cal-
culated with a line downcounter decremented on
each Hsync by VP[5:0]. The Display of the first row
begins when the counter turns to zero.
Vert delay = (VP5*32 + VP4*16 + VP3*8 + VP2*4
+ VP1*2 + VP0) * Tline (Tline= 64 µs)
70
HB7
HB6
HB5
HB4
HB3
HB2
HB1
HB0
70
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
70
0
0
VP5
VP4
VP3
VP2
VP1
VP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com