Electronic Components Datasheet Search
  English  ▼

X  

ST92195C6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 127Page - STMicroelectronics ST92195C6 Datasheet HTML 128Page - STMicroelectronics ST92195C6 Datasheet HTML 129Page - STMicroelectronics ST92195C6 Datasheet HTML 130Page - STMicroelectronics ST92195C6 Datasheet HTML 131Page - STMicroelectronics ST92195C6 Datasheet HTML 132Page - STMicroelectronics ST92195C6 Datasheet HTML 133Page - STMicroelectronics ST92195C6 Datasheet HTML 134Page - STMicroelectronics ST92195C6 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 249 page
background image
131/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
SCROLLING
CONTROL
HIGH
REGISTER
(SCHR)
R249 - Read/Write
Register Page: 32
Reset Value: 0000 0000b (00h)
Bit 7 = DH:
Global Double Height control bit.
This bit must only be used in Page Mode. When
DH is set, the display is turned in double height in-
cluding the header, excluding the vertical offset
before the display area. The status rows are not
affected by the DH bit and they remain in normal
height. Depending on the value of the UP/D con-
trol bit, when DH is set, the first or second half of
the page is displayed in double height. This bit as-
sumes a zooming function.
Notes:
– In global double height, when the top half page
is displayed, if row 11 has a double height at-
tribute, the first status row is corrupted. To avoid
this effect, save row 11, remove the serial double
height attribute from this row and display the up-
per part of the page. Then, before displaying the
lower part of the page, restore the serial DH at-
tribute in row 11.
– When the bottom half page is displayed, if row 23
has a double height attribute, the first status row
is not displayed. To avoid this effect remove the
serial double height attribute from row 23.
Bit 6 = EER:
End of Extra Row flag bit.
This bit is forced to "1" by hardware when the last
line of the extra row is displayed in case of scroll-
ing in normal height. This bit is Read only.
In Global double height, the EER bit is set to "1"
each time the last line of a new displayed row ap-
pears.
Bit 5 = UP/D:
Scrolling Up/Down
This bit has two functions: to control the scrolling
direction and to select the half part of the page in
Global Double Height display.
Scrolling direction:
0: Top-Down shift
1: Bottom-up shift
Half-page selection:
When DH is set, if UP/D is set, the upper half of the
page is displayed (i.e. Header and the page rows 1
to 11).
When DH is set, if UP/D is reset, the lower half of
the page is displayed (i.e. rows 12 to 23 and the
Status rows).
The UP/D control bit must be defined before set-
ting the Global height (DH bit); changing UP/D af-
ter DH is set, will not change the already selected
half page.
Bits 4:0 = LRS[4:0]:
Last row to be scrolled (1 to
23). In case of scrolling in global double height, the
Last row must be equal to 0x 10111 to display the
status row in the two half pages.
70
DH
EER
UP/D
LRS4
LRS3
LRS2
LRS1
LRS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com