Electronic Components Datasheet Search
  English  ▼

X  

ST92195D7 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST92195D7
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D7 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST92195D7 Datasheet HTML 114Page - STMicroelectronics ST92195D7 Datasheet HTML 115Page - STMicroelectronics ST92195D7 Datasheet HTML 116Page - STMicroelectronics ST92195D7 Datasheet HTML 117Page - STMicroelectronics ST92195D7 Datasheet HTML 118Page - STMicroelectronics ST92195D7 Datasheet HTML 119Page - STMicroelectronics ST92195D7 Datasheet HTML 120Page - STMicroelectronics ST92195D7 Datasheet HTML 121Page - STMicroelectronics ST92195D7 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 249 page
background image
118/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.6.4 Building a Parallel Mode, 40 Char, Line
mode Display
Half-Page Location
The pair of adjacent 0.5 Kbyte blocks of half page
content is stored in the TDSRAM location pointed
to by the PG3..PG0 bits. One block contains the
characters, the other block contains the attribute
bytes.
Header & Status Rows Location
The 0.5 Kbyte block containing the Header, Status
Row 0 and Status Row 1 is pointed to by the
HS3..HS0 bits.
The Header/Status attributes are stored in this
block at offset 80h.
The Row attribute (row count) is stored in this
block at offset 100h and contains 12 bytes for line
mode (see DCM1R register description).
Row Scrolling Buffer Location
The scrolling buffer corresponds to the Row 12
when the scrolling feature is used (in this case 11
rows are scrolled).
Figure 74. Parallel (40 Characters) Line Mode Mapping
See Figure 70 on page 115 for Ad-
Resolution 1K bytes
See Figure 69 on page 115 for Ad-
0.5K TDSRAM
Header Char.
Resolution 0.5K bytes
Status Row 0
Status Row 1
Free Space
Header Attr.
Status Row 0
Status Row 1
Free Space
Free Space
Row Attr.
80h
100h
0.5K TDSRAM
0.5K TDSRAM
Row 1 Attr.
Row 11 Attr.
Free Space
Row 12/Scrolling Buffer
Row 1 Char.
Row 11 Char.
Free Space
Row 12/Scrolling Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com