Electronic Components Datasheet Search
  English  ▼

X  

AM6528 Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 193 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 189Page - Texas Instruments AM6528 Datasheet HTML 190Page - Texas Instruments AM6528 Datasheet HTML 191Page - Texas Instruments AM6528 Datasheet HTML 192Page - Texas Instruments AM6528 Datasheet HTML 193Page - Texas Instruments AM6528 Datasheet HTML 194Page - Texas Instruments AM6528 Datasheet HTML 195Page - Texas Instruments AM6528 Datasheet HTML 196Page - Texas Instruments AM6528 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 277 page
background image
HYPERBUS_TIMING_01
CK, CK#
CS#
D8/LFD8
D2
RWDS
DQ[7:0]
D9/LFD9
Command-Address
Host drives DQ[7:0] and Memory drives RWDS
CK and Data are center aligned
Host drives DQ[7:0] and RWDS
39:32
31:24
23:16
15:8
7:0
47:40
Dn
Dn
Dn+1 Dn+1
A
B
A
B
D7/LFD7
D6/LFD6
D11/LFD11
D10/LFD10
D12/LFD12
D4
D12/LFD12
193
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-58. Timing Requirements for HyperBus Initialization
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D1
tw(RESETn)
RESETn Pulse Width
200
ns
D2
tw(csL)
Chip Select Pulse Width
1000
ns
D3
td(RESETnH-csL)
Delay time, RESETn inactive to CSn active
200.34
ns
D4
td(csL-RWDSL)
Delay time, CSn active to RWDS falling
115
ns
Table 5-59. HyperBus 166 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D5
tskn(rwdsX-dV)
Input skew, RWDS transitioning to D0:D7 valid
-0.46
0.46
ns
D6
tc(clk/clkn)
CLK period, CLK/CLKn
6
ns
D7
tw(clk/clkn)
Pulse width, CLK/CLKn
2.7
ns
D8
tw(csIV)
Pulse width, CS0 invalid between operations
6
ns
D9
td(clkH-csL)
Delay time, CS0 active to CLK rising/ CLKn falling
-3.41
ns
D10
td(clkL[LE]-csH)
Delay time, last falling CLK/ rising CLKn edge to CS0 inactive
0.66
ns
D11
td(clkX-rwdsV)
Delay time, CLK transition to RWDS valid
1.01
2.02
ns
D12
td(clkX-d[0:7]V)
Delay time, CLK transitioning to D0:7 valid
0.84
2.2
ns
Table 5-60. HyperBus 100 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
LFD5
tskn(rwdsX-dV)
Input skew, RWDS transitioning to D0:D7 valid
-0.81
0.81
ns
LFD6
tc(clk)
CLK period, CLK
10
ns
LFD7
tw(clk)
Pulse width, CLK
4.5
ns
LFD8
tw(csIV)
Pulse width, CS0 invalid between operations
10
ns
LFD9
td(clkH-csL)
Delay time, CS0 active to CLK rising
-3.76
ns
LFD10
td(clkL[LE]-csH)
Delay time, last falling CLK edge to CS0 inactive
1.77
ns
LFD11
td(clkX-rwdsV)
Delay time, CLK transition to RWDS valid
2.05
3.24
ns
LFD12
td(clkX-d[0:7]V)
Delay time, CLK transitioning to D0:7 valid
1.87
3.41
ns
Figure 5-59. HyperBus Timing Diagrams - Transmitter Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com