Electronic Components Datasheet Search
  English  ▼

X  

AM6546 Datasheet(PDF) 248 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 248 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 244Page - Texas Instruments AM6546 Datasheet HTML 245Page - Texas Instruments AM6546 Datasheet HTML 246Page - Texas Instruments AM6546 Datasheet HTML 247Page - Texas Instruments AM6546 Datasheet HTML 248Page - Texas Instruments AM6546 Datasheet HTML 249Page - Texas Instruments AM6546 Datasheet HTML 250Page - Texas Instruments AM6546 Datasheet HTML 251Page - Texas Instruments AM6546 Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 277 page
background image
248
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2019, Texas Instruments Incorporated
For more information, see Error Signaling Module (ESM) section in the device TRM.
6.4.5.11 EQEP
The Enhanced Quadrature Encoder Pulse (EQEP) peripheral is used for direct interface with a linear or
rotary incremental encoder to get position, direction and speed information from a rotating machine for use
in high performance motion and position control system.
For more information, see Enhanced Quadrature Encoder Pulse (EQEP) Module section in the device
TRM.
6.4.5.12 GPIO
The General-Purpose Input/Output (GPIO) peripheral provides dedicated general-purpose pins that can be
configured as either inputs or outputs. When configured as an output, the user can write to an internal
register to control the state driven on the output pin. When configured as an input, user can obtain the
state of the input by reading the state of an internal register.
In addition, the GPIO peripheral can produce host CPU interrupts and DMA synchronization events in
different interrupt/event generation modes.
The device has three instances of GPIO modules. The GPIO pins are grouped into banks (16 pins per
bank and 9 banks per module), which means that each GPIO module provides up to 144 dedicated
general-purpose pins with input and output capabilities; thus, the general-purpose interface supports up to
432 (3 instances × (9 banks × 16 pins)) pins. Since WKUP_GPIO0_[56:143], GPIO0_[96:143], and
GPIO1_[90:143] are reserved in this device, general purpose interface supports up to 242 pins.
For more information, see General-Purpose Interface (GPIO) section in the device TRM.
6.4.5.13 GPMC
The General-Purpose Memory Controller is a unified memory controller dedicated for interfacing with
external memory devices like:
•
Asynchronous SRAM-like memories and application-specific integrated circuit (ASIC) devices
•
Asynchronous, synchronous, and page mode (available only in non-multiplexed mode) burst NOR flash
devices
•
NAND flash
•
Pseudo-SRAM devices
For more information, see General-Purpose Memory Controller (GPMC) section in the device TRM.
6.4.5.14 HyperBus
The HyperBus module is a part of the device Flash Subsystem (FSS).
The HyperBus module is a low pin count memory interface that provides high read/write performance. The
HyperBus module connects to HyperBus memory (HyperFlash or HyperRAM) and uses simple HyperBus
protocol for read and write transactions.
There is one HyperBus™ module inside the device. The HyperBus module includes one HyperBus
Memory Controller (HBMC).
For more information, see HyperBus Interface section in the device TRM.
6.4.5.15 I2C
The device contains six multimaster Inter-Integrated Circuit (I2C) controllers each of which provides an
interface between a local host (LH), such as an Arm and any I2C-bus-compatible device that connects via
the I2C serial bus. External components attached to the I2C bus can serially transmit and receive up to 8
bits of data to and from the LH device through the 2-wire I2C interface.
Each multimaster I2C module can be configured to act like a slave or master I2C-compatible device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com