Electronic Components Datasheet Search
  English  ▼

X  

AM6546 Datasheet(PDF) 125 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 121Page - Texas Instruments AM6546 Datasheet HTML 122Page - Texas Instruments AM6546 Datasheet HTML 123Page - Texas Instruments AM6546 Datasheet HTML 124Page - Texas Instruments AM6546 Datasheet HTML 125Page - Texas Instruments AM6546 Datasheet HTML 126Page - Texas Instruments AM6546 Datasheet HTML 127Page - Texas Instruments AM6546 Datasheet HTML 128Page - Texas Instruments AM6546 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 277 page
background image
125
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
5.5
Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of
each operating performance point for processor clocks and device core clocks.
NOTE
The OPP voltage and frequency values may change following the silicon characterization
result.
Table 5-1 describes the maximum supported frequency per speed grade for the device.
Table 5-1. Speed Grade Maximum Frequency(1)
DEVICE SPEED
MAXIMUM FREQUENCY (MHz)
MPU
MCU
DMSC
GPU
CBASS0
ICSSG
DDR3L/DDR4
LPDDR4
AM6548xxX
1100
400
200
450
250
250
800 (DDR-1600)
667 (DDR-1333)
AM6528xxX
1100
400
200
450
250
250
800 (DDR-1600)
667 (DDR-1333)
AM6546xxX
1100
400
200
N/A
250
250
800 (DDR-1600)
667 (DDR-1333)
AM6526xxX
1100
400
200
N/A
250
250
800 (DDR-1600)
667 (DDR-1333)
AM6527xxX
1100
400
200
N/A
250
250
800 (DDR-1600)
667 (DDR-1333)
(1) N/A stands for Not Applicable.
5.5.1
Voltage and Core Clock Specifications
Table 5-2 through Table 5-3 defines the device Operating Performance Points (OPPs). As shown in these
tables, each OPP defines a voltage and frequency pair for a given voltage domain supply.
NOTE
This device, when used in a production system, only supports one static OPP over the
lifetime of the device. When designing a production system, a fixed OPP should be selected
based on the maximum frequency required by the system. The corresponding OPP voltage
must then be exclusively used by the device.
Table 5-2. VDD_MPU0 OPPs(1)
VDD_MPU0 OPPs
VDD_MPU0
MPU0
MIN
NOM
MAX
OPP_NOM
1.06
1.1
1.16
800 MHz
OPP_OD
1.14
1.2
1.26
1 GHz
OPP_TURBO
1.2
1.24
1.28
1.1 GHz
(1) For additional details about supported AVS Voltages, refer to the footnotes associated with Section 5.4, Recommended Operating
Conditions.
Table 5-3. VDD_MPU1 OPPs(1)
VDD_MPU1 OPPs
VDD_MPU1
MPU1
MIN
NOM
MAX
OPP_NOM
1.06
1.1
1.16
800 MHz
OPP_OD
1.14
1.2
1.26
1 GHz
OPP_TURBO
1.2
1.24
1.28
1.1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com