Electronic Components Datasheet Search
  English  ▼

X  

AM6527 Datasheet(PDF) 219 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 219 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 215Page - Texas Instruments AM6527 Datasheet HTML 216Page - Texas Instruments AM6527 Datasheet HTML 217Page - Texas Instruments AM6527 Datasheet HTML 218Page - Texas Instruments AM6527 Datasheet HTML 219Page - Texas Instruments AM6527 Datasheet HTML 220Page - Texas Instruments AM6527 Datasheet HTML 221Page - Texas Instruments AM6527 Datasheet HTML 222Page - Texas Instruments AM6527 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 277 page
background image
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_02
OSPI_CSn
O10
O11
O9
O8
O12
O7
219
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Figure 5-85. OSPI Switching Characteristics - SDR
Table 5-86, Table 5-87, Figure 5-86, Figure 5-87, Figure 5-88, and Figure 5-89 presents timing
requirements for OSPI DDR and SDR Mode.
Table 5-86. OSPI Timing Requirements - DDR Mode (1)
NO.
PARAMETE
R
DESCRIPTION
MODE
MIN
MAX
UNIT
O13
tsu(D-CLK)
Setup time, D[i:0] valid before active CLK edge
1.8V, No Loopback Clock;
1.8V, Internal Pad Loopback
Clock
5.23
ns
3.3V, No Loopback Clock;
3.3V, Internal Pad Loopback
Clock
6.19
ns
O14
th(CLK-D)
Hold time, D[i:0] valid after active CLK edge
1.8V, No Loopback Clock;
1.8V, Internal Pad Loopback
Clock
1.84
ns
3.3V, No Loopback Clock;
3.3V, Internal Pad Loopback
Clock
2.34
ns
O15
tsu(D-LBCLK)
Setup time, D[i:0] valid before active LBCLK (DQS)
edge
1.8V, External Board
Loopback Clock
0.52
ns
3.3V, External Board
Loopback Clock
1.97
ns
O16
th(LBCLK-D)
Hold time, D[i:0] valid after active LBCLK (DQS)
edge
1.8V, External Board
Loopback Clock
1.8 (2)
ns
3.3V, External Board
Loopback Clock
2.2 (2)
ns
O17
tsu(D-DQS)
Setup time, DQS edge to D[i:0] transition
1.8V, OSPI0 DQS;
1.8V, OSPI1 DQS
-0.46
ns
3.3V, OSPI0 DQS;
3.3V, OSPI1 DQS
-0.66
ns
O18
th(DQS-D)
Hold time, DQS edge to D[i:0] transition
1.8V, OSPI0 DQS;
1.8V, OSPI1 DQS
3.59
ns
3.3V, OSPI0 DQS;
3.3V, OSPI1 DQS
7.92
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com