Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 312 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 312 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 308Page - Exar Corporation XRT7250 Datasheet HTML 309Page - Exar Corporation XRT7250 Datasheet HTML 310Page - Exar Corporation XRT7250 Datasheet HTML 311Page - Exar Corporation XRT7250 Datasheet HTML 312Page - Exar Corporation XRT7250 Datasheet HTML 313Page - Exar Corporation XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
293
Writing a “0” into this bit-field causes the Receive E3
Framer block to reside in the OOF Condition state for
at most 24 E3 frame periods. Writing a “1” into this
bit-field causes the Receive E3 Framer block to reside
in the OOF Condition state for at most 8 E3 frame pe-
riods.
LOF (Loss of Framing) Condition State
If the Receive E3 Framer block enters the LOF Condi-
tion state, then the following things will happen.
• The Receive E3 Framer block will discard the most
recent frame synchronization and,
• The Receive E3 Framer block will make an uncon-
ditional transition to the FAS Pattern Search state.
• The Receive E3 Framer block will notify the Micro-
processor/Microcontroller of its transition to the
LOF Condition state, by generating the Change in
LOF Condition interrupt. When this occurs, Bit 2
(LOF Interrupt Status), within the Rx E3 Interrupt
Status Register - 1 will be set to “1”, as depicted
below.
Finally, the Receive E3 Framer block will also inform
the external circuitry of this transition to the LOF Con-
dition state by toggling the RxLOF output pin "High”.
5.3.2.2
The Framing Maintenance Mode
Once the Receive E3 Framer block enters the In-
Frame state, then it will notify the Microprocessor/Mi-
crocontroller of this fact by generating both the
Change in OOF Condition and Change in LOF Condi-
tion Interrupts. When this happens, bits 2 and 3 (LOF
Interrupt Status and OOF Interrupt Status) will be set
to “1”, as depicted below.
Additionally, the Receive E3 Framer block will inform
the external circuitry of its transition to the In-Frame
state by toggling both the RxOOF and RxLOF output
pins "Low”.
Finally, the Receive E3 Framer block will negate both
the RxOOF and the RxLOF bit-fields within the Rx E3
Configuration & Status Register, as depicted below.
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
0
1100
111
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
0
0000
100
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
0
0001
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com