Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 396 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 396 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 392Page - Exar Corporation XRT7250 Datasheet HTML 393Page - Exar Corporation XRT7250 Datasheet HTML 394Page - Exar Corporation XRT7250 Datasheet HTML 395Page - Exar Corporation XRT7250 Datasheet HTML 396Page - Exar Corporation XRT7250 Datasheet HTML 397Page - Exar Corporation XRT7250 Datasheet HTML 398Page - Exar Corporation XRT7250 Datasheet HTML 399Page - Exar Corporation XRT7250 Datasheet HTML 400Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
377
The Transmit Section of the XRT7250 contains a
block which is known as the Transmit E3 LIU Interface
block. The purpose of the Transmit E3 LIU Interface
block is to take the Outbound E3 data stream, from
the Transmit E3 Framer block, and to do the following:
1. Encode this data into one of the following line
codes
a. Unipolar (e.g., Single-Rail)
b. AMI (Alternate Mark Inversion)
c. HDB3 (High Density Bipolar - 3)
2. And to transmit this data to the LIU IC.
Figure 179 presents a simple illustration of the Trans-
mit E3 LIU Interface block.
FIGURE 178. APPROACH TO INTERFACING THE XRT7250 FRAMER IC DEVICE TO THE XRT7300 DS3/E3/STS-1 LIU
5V
U1
X R T7250
TxP OS
65
TxN E G
64
TxLineC lk
63
DMO
79
E xtLOS
78
RLOL
77
LLOOP
69
RLOOP
70
TA OS
68
TxLE V
67
E N CODIS
66
RE QB
71
RxP OS
76
RxN E G
75
RxLineClk
74
MOTO
27
R E SETB
28
A0
15
A1
16
A2
17
A3
18
A4
19
A5
20
A6
21
A7
22
A8
23
D0
32
D1
33
D2
34
D3
35
D4
36
D5
37
D6
38
D7
39
Rdy_Dtck
6
WR B _R W
7
RD B _DS
10
CS B
8
ALE _AS
9
IN TB
13
TxS E R
46
TxInC lk
43
TxFrame
61
RxS er
86
RxC lk
88
RxFrame
90
RxLOS
95
RxOOF
94
RxR E D
93
RxA IS
87
NIB B LE IN TF
25
U2
X R T7300
TP D A TA
37
TN D A TA
38
TC LK
36
RC LK 1
31
RN E G
32
RP OS
33
TTIP
41
TR IN G
40
MTIP
44
MR IN G
43
RR IN G
9
RTIP
8
DMO
4
RLOS
24
RLOL
23
LLB
14
RLB
15
TA OS
2
TxLE V
1
E N CODIS
21
RE QD IS
12
T1
1:1
1
5
4
8
T2
1:1
1
5
4
8
R1
36
1
2
R2
36
1
2
R6
37.5
R3
270
1
2
R4
270
1
2
R5
37.5
C1
0.01uF
1
2
TxS E R
TxInC lk
NIB B LE IN TF
R E SETB
RTIP
RR IN G
CS B
RW
DS
AS
TxFrame
RxS er
RxC lk
RxFrame
RxLOS
RxOOF
RxR E D
RxA IS
A[8:0]
TR IN G
TTIP
IN TB
D[7:0]
IN TB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com