Electronic Components Datasheet Search
  English  ▼

X  

UPD360 Datasheet(PDF) 179 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 179 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 175Page - Microchip Technology UPD360 Datasheet HTML 176Page - Microchip Technology UPD360 Datasheet HTML 177Page - Microchip Technology UPD360 Datasheet HTML 178Page - Microchip Technology UPD360 Datasheet HTML 179Page - Microchip Technology UPD360 Datasheet HTML 180Page - Microchip Technology UPD360 Datasheet HTML 181Page - Microchip Technology UPD360 Datasheet HTML 182Page - Microchip Technology UPD360 Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 179
UPD360
12.5.4
PPC INTERRUPT STATUS REGISTER 2 (PPC_INT_STS2)
12.5.5
PPC GENERAL STATUS REGISTER (PPC_GENERAL_STS)
Address:
0404h
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5
VS_LOW
Indicates that the VS voltage is below the VS_UVLO (2.5 V) threshold and the
port power switch is held off. This bit is cleared automatically when the VS
voltage is above the VS_UVLO threshold.
R/W1C
0b
4:0
RESERVED
RO
-
Address:
040Fh
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4
CC_MODE
Indicates that the IBUS current has exceeded ILIM (PPC Current Limit Regis-
ter (PPC_CURRENT_LIMIT)). This bit identifies that the port power switch
current limiting circuitry has been activated and the switch is in current limit
mode. This bit will be ‘0’ when the port power switch is off.
R/W1C
0b
3
PWR_EN
This bit reflects the port power switch control state. This bit is set and cleared
automatically as the PWR_EN pin (UPD360-A/UPD360-B only) and/or
PWR_EN_SET bit state changes.
R/W1C
0b
2
LOW_CUR
Indicates that a portable device has reduced its charge current to below the
threshold on VBUS and may be finished charging. This bit is cleared when
written with “1” and will not cause the ALERT bit to be asserted unless the
ALERT_LINK bit is set.
R/W1C
0b
1:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com