Electronic Components Datasheet Search
  English  ▼

X  

UPD360 Datasheet(PDF) 204 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 204 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 200Page - Microchip Technology UPD360 Datasheet HTML 201Page - Microchip Technology UPD360 Datasheet HTML 202Page - Microchip Technology UPD360 Datasheet HTML 203Page - Microchip Technology UPD360 Datasheet HTML 204Page - Microchip Technology UPD360 Datasheet HTML 205Page - Microchip Technology UPD360 Datasheet HTML 206Page - Microchip Technology UPD360 Datasheet HTML 207Page - Microchip Technology UPD360 Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 221 page
background image
UPD360
DS00002084C-page 204
 2016-2017 Microchip Technology Inc.
15.4.2
WATCHDOG KICK REGISTER (WDT_KICK)
15.4.3
WATCHDOG COUNT REGISTER (WDT_COUNT)
WDT_COUNT[7:0] = 0x4h
WDT_COUNT[15:8] = 0x5h
WDT_COUNT[23:16] = 0x6h
WDT_COUNT[31:24] = 0x7h
Address:
3002h
Size:
8 bits
Bits
Description
Type
Default
7:1
RESERVED
RO
0h
0
KICK
Writes of any value to this register shall cause the watchdog timer to be imme-
diately reloaded with the value defined in Watchdog Load Register (WDT_-
LOAD) and start decrementing when the WDT_EN bit in the Watchdog
Control Register (WDT_CTL) is set to 1b. Writes to this register when
WDT_EN is 0b have no affect.
Note:
Reads of this register always return 0h.
Note:
Due to clock domain synchronization, several clock cycles may
elapse before this takes affect and the counter reloads.
R/W
0h
Address:
3004h
Size:
32 bits
Bits
Description
Type
Default
31:0
WDT_COUNT
This read only register provides a snapshot of the current state of the timer.
The lower byte shall always be read first. Reading of the lower order byte
results in a snapshot of the counter taken. This ensures that when the upper
bytes are read the state of the counter is remains in sync.
RO
FFFF_FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com