Electronic Components Datasheet Search
  English  ▼

X  

UPD360 Datasheet(PDF) 212 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 212 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 208Page - Microchip Technology UPD360 Datasheet HTML 209Page - Microchip Technology UPD360 Datasheet HTML 210Page - Microchip Technology UPD360 Datasheet HTML 211Page - Microchip Technology UPD360 Datasheet HTML 212Page - Microchip Technology UPD360 Datasheet HTML 213Page - Microchip Technology UPD360 Datasheet HTML 214Page - Microchip Technology UPD360 Datasheet HTML 215Page - Microchip Technology UPD360 Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 221 page
background image
UPD360
DS00002084C-page 212
 2016-2017 Microchip Technology Inc.
Note 16-9
8.5 or 8.0, depending on loading of 30pF or 10pF, respectively.
16.6.4
PORT POWER CONTROLLER AC PARAMETERS
FIGURE 16-5:
SPI SLAVE OUTPUT TIMING
TABLE 16-11: SPI TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
fsck
SPI_CLK clock frequency
25
MHz
tclk_duty
SPI_CLK high/low duty cycle
40
60
%
tscss
SPI_CS setup time to SPI_CLK
5ns
tscsh
SPI_CS hold time from SPI_CLK
5ns
tscshl
SPI_CS inactive time
100
ns
tsu
Data input setup time to SPI_CLK
10
ns
thd
Data input hold time from SPI_CLK
4ns
ton
Data output turn on time from SPI_CLK
0ns
tv
Data output valid time from SPI_CLK
Note 16-9
ns
tho
Data output hold time from SPI_CLK
0ns
tdis
Data output disable time from SPI_CS inactive
20
ns
TABLE 16-12: PORT POWER CONTROLLER AC PARAMETERS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Turn On Delay
tON_PSW
0.75
ms
PWR_EN active toggle to switch
on time, VBUS discharge not
active.
Turn Off Time
tOFF_PSW_INA
0.75
ms
PWR_EN inactive toggle to
switch off time.
CBUS = 120 F
Turn Off Time
tOFF_PSW_ERR
1
ms
Over-current Error, VBUS Min
Error, or Discharge Error to
switch off.
CBUS = 120 F
Note 16-10
Turn Off Time
tOFF_PSW_ERR
100
ns
TSD or Back-drive Error to switch
off.
CBUS = 120 F
VBUS Output
Rise Time
tR_BUS
1.1
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 F
ILIM = 1.0 A
Soft Turn on Rate
I
BUS / t
100
mA /
µs
SPI_DO
SPI_CLK
tclk_duty
SPI_CS
tdis
ton
tv
tho



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com