Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 178Page - Microchip Technology PIC16F913 Datasheet HTML 179Page - Microchip Technology PIC16F913 Datasheet HTML 180Page - Microchip Technology PIC16F913 Datasheet HTML 181Page - Microchip Technology PIC16F913 Datasheet HTML 182Page - Microchip Technology PIC16F913 Datasheet HTML 183Page - Microchip Technology PIC16F913 Datasheet HTML 184Page - Microchip Technology PIC16F913 Datasheet HTML 185Page - Microchip Technology PIC16F913 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 180
Preliminary
© 2005 Microchip Technology Inc.
15.2
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against the TMR1 register pair
value.
When
a
match
occurs,
the
RC5/T1CKI/CCP1/SEG10 pin is:
• Driven high
•Driven low
• Remains unchanged
The action on the pin is based on the value of control
bits CCP1M<3:0> (CCP1CON<3:0>). At the same
time, interrupt flag bit CCP1IF is set.
FIGURE 15-4:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
15.2.1
CCP PIN CONFIGURATION
The user must configure the RC5/T1CKI/CCP1/SEG10
pin as an output by clearing the TRISC<5> bit.
15.2.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode, or Synchro-
nized Counter mode, if the CCP module is using the
compare feature. In Asynchronous Counter mode, the
compare operation may not work.
15.2.3
SOFTWARE INTERRUPT MODE
When Generate Software Interrupt mode is chosen, the
RC5/T1CKI/CCP1/SEG10 pin is not affected. The
CCPIF bit is set, causing a CCP interrupt (if enabled).
15.2.4
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated,
which may be used to initiate an action.
The special event trigger output of CCP1 resets the
TMR1 register pair. This allows the CCPR1 register to
effectively be a 16-bit programmable period register for
Timer1.
The special event trigger output of CCP2 resets the
TMR1 register pair and starts an A/D conversion (if the
A/D module is enabled).
15.3
PWM Mode (PWM)
In Pulse Width Modulation mode, the CCPx pin pro-
duces up to a 10-bit resolution PWM output. Since the
RC5/T1CKI/CCP1/SEG10 pin is multiplexed with the
PORTC data latch, the TRISC<5> bit must be cleared
to make the RC5/T1CKI/CCP1/SEG10 pin an output.
Figure 15-5 shows a simplified block diagram of the
CCP module in PWM mode.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, see Section 15.3.3
“Setup for PWM Operation”.
Note:
Clearing the CCP1CON register will force
the RC5/T1CKI/CCP1/SEG10 compare
output latch to the default low level. This is
not the PORTC I/O data latch.
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special Event Trigger
Set Flag bit CCP1IF
(PIR1<2>)
Match
RC5/T1CKI/
TRISC<5>
CCP1CON<3:0>
Mode Select
Output Enable
pin
Special event trigger will:
reset Timer1, but not set interrupt flag bit TMR1IF (PIR1<0>),
and set bit GO/DONE (ADCON0<2>).
CCP1/SEG10
Note:
The special event trigger from the CCP1
and CCP2 modules will not set interrupt
flag bit TMR1IF (PIR1<0>).
Note:
Clearing the CCP1CON register will force
the CCP1 PWM output latch to the default
low level. This is not the PORTC I/O data
latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com