Electronic Components Datasheet Search
  English  ▼

X  

TRV-160 Datasheet(PDF) 2 Page - Tyco Electronics

Part # TRV-160
Description  Electrically insulating PVC heat shrinkable tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TRV-160 Datasheet(HTML) 2 Page - Tyco Electronics

  TRV-160 Datasheet HTML 1Page - Tyco Electronics TRV-160 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Raychem Interconnect
Cheney Manor Industrial Estate
Swindon, Wiltshire SN2 2QE
Tel: (44)-1793-528171
Fax: (44)-1793-616652
All of the above information, including illustrations, is believed to be reliable. Users, however, should
independently evaluate the suitability of each product for their application. Tyco Electronics makes no
warranties as to the accuracy or completeness of the information and disclaims any liability regarding its use.
Tyco Electronics only obligations are those in the Standard Terms and Conditions of Sale for this product and in
no case will Tyco Electronics be liable for any incidental, indirect or consequential damages arising from the
sale, resale, use or misuse of the product. Tyco Electronics Specifications are subject to change without notice.
In addition Tyco Electronics reserves the right to make changes in materials or processing, without notification
to the Buyer, which do not affect compliance with any applicable specification.
TRV
RI0037.1299
Raychem and TRV are trademarks of Raychem Interconnect, a division of Tyco Electronics
Corporation.
Performance
Specifications
Heat ageing:
168 h at 136°C UL 224
Corrosion resistance:
No corrosion ASTM D2671
Dielectric strength:
15 MV/m min IEC 243
Fluid resistance 24h at 23°C, ISO 37:
Tensile strength 12 MPa (min)
Elongation 150% (min)
Test Fluids:
IRM 902
Lubricating oil 0-149
Anti-icing fluid
Flammability:
Pass UL 224 VW1
For full product performance details consult Raychem Specification RK 6147/1.
Raychem Specification RK 6147/1.


Similar Part No. - TRV-160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRV-100S012ST ETC2-TRV-100S012ST Datasheet
525Kb / 2P
   Switch Mode LED Drivers
TRV-100S024ST ETC2-TRV-100S024ST Datasheet
525Kb / 2P
   Switch Mode LED Drivers
TRV-100S036ST ETC2-TRV-100S036ST Datasheet
525Kb / 2P
   Switch Mode LED Drivers
TRV-100S048ST ETC2-TRV-100S048ST Datasheet
525Kb / 2P
   Switch Mode LED Drivers
TRV-100S054ST ETC2-TRV-100S054ST Datasheet
525Kb / 2P
   Switch Mode LED Drivers
More results

Similar Description - TRV-160

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
   Heat Shrinkable Tubing
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
   Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
   Low Smoke Heat-Shrinkable Rubber Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
   Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
   Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com