Electronic Components Datasheet Search
  English  ▼

X  

HM9950 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9950
Description  brightness LED constant current drive controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9950 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9950 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ADJ 脚上拉电阻
RADJ
500
KOhm
ADJ 输入电流
IADJ
VADJ =0
11
uA
LDO 特性
LDO 输出电压
VCC
VIN=5.5V~36V
ICC =0.1mA~5mA
5.5
V
负载调整率
ICC=0.1mA~5mA
VIN =12V
4
Ω
线性调整率
VIN =6V~36V,ICC =5mA
11
mV
电源抑制比
PSRR
VIN =12V,ICC =5mA,
FIN =10KHz
-35
dB
启动时间
TSTART
VCC 电压从 0V 到 4.5V
350
us
低端
MOSFET 驱动
栅极上拉电阻
R_SOURCE
VDD=5V
4
Ω
栅极下拉电阻
R_SINK
VDD=5V
2
Ω
栅极输出高电压
VOH
5
V
栅极输出低电压
VOL
0.5
V
高端
MOSFET 驱动
栅极上拉电阻
R_SOURCE
VBST-SW=5V
6
Ω
栅极下拉电阻
R_SINK
VBST-SW=5V
3
Ω
栅极输出高电压
VOH
VDRH-VSW
5
V
栅极输出低电压
VOL
VDRH-VSW
0.5
V
过温保护
过温调节
OTP_TH
140
oC
HM9950


Similar Part No. - HM9950

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901A HMSEMI-HM9901A Datasheet
1Mb / 11P
Lithium battery protection circuit
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902A HMSEMI-HM9902A Datasheet
543Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902B HMSEMI-HM9902B Datasheet
853Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - HM9950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
logo
Linkage Goston Electron...
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
Constant current LED drive chip
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
16 channel LED constant current drive
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
LED linear constant current drive circuit
logo
Shenzhen Putianhe Techn...
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
12 - channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
3 - channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
12 - channel LED constant current drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com