Electronic Components Datasheet Search
  English  ▼

X  

HM9950 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9950
Description  brightness LED constant current drive controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9950 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9950 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
应用指南
工作原理
HM9950 是一款基于高端电流检测的同步降压型高精度高亮度 LED 恒流驱动控制器。系
统通过一个外接电阻设定输出电流,最大输出电流可达
5A;电流检测精度高达±3%;外围仅
需很少的元件。
系统上电后,定义差值:
IN
CSN
v V
V
 
(1)
通过典型应用可以看到,负载
LED 上的电流与电感 L 电流以及电阻 RCS 上的电流相等。
上电后,电感电流不能突变,故电阻
RCS 上的电流为零,于是差值 v
 亦为零;此差值输入到
芯片内部,与基准电压(
220mV)比较后,使得功率开关管开启。于是 VIN 通过电阻 RCS,电
L,负载 LED 以及功率开关管到地形成通路,电感 L 储存能量,其电流逐渐升高。
当电感电流达到:
220
L
CS
mV
I
R
(2)
此时,功率开关管关断;之后,差值
v
 输入到芯片内部,与基准电压(180mV)比较后,
使得功率开关管保持关断状态。由于电感电流的持续性,电感电流便通过负载
LED 及续流二
极管
D,电阻 RCS 释放能量,其电流逐渐下降。
当电感电流达到:
180
L
CS
mV
I
R
(3)
此时,功率管开启;系统进入下一个周期循环。
此系统对于电感电流的控制模式称为电感电流滞环控制模式,其对负载瞬变具有非常快
的响应,对输入电压具有高的抑制比,其电感电流纹波为
20%。
电流取样电阻选择
系统稳定后,可假设负载
LED 上的电压稳定,于是可近似认为电感电流呈线性变化。
故由前面叙述可知,电流取样电阻
RCS 上的电流与负载 LED 上电流相等,于是电阻 RCS
的取值决定了负载电流的大小。
0.22 0.18
0.2
2*
LED
CS
CS
I
R
R
(4)
电感选择
电感值的大小决定系统工作频率。稳定时,假设负载
LED 电压为 VLED,输入电压 VIN
电感电流纹波
0.2*ILED,则功率管导通时间:
HM9950


Similar Part No. - HM9950

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901A HMSEMI-HM9901A Datasheet
1Mb / 11P
Lithium battery protection circuit
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902A HMSEMI-HM9902A Datasheet
543Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902B HMSEMI-HM9902B Datasheet
853Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - HM9950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
logo
Linkage Goston Electron...
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
Constant current LED drive chip
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
16 channel LED constant current drive
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
LED linear constant current drive circuit
logo
Shenzhen Putianhe Techn...
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
12 - channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
3 - channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
12 - channel LED constant current drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com