Electronic Components Datasheet Search
  English  ▼

X  

HM9950 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9950
Description  brightness LED constant current drive controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9950 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9950 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0.2*
*
LED
ON
IN
LED
I
L
T
V
V
(5)
功率管关断时间:
0.2*
*
LED
OFF
LED
I
L
T
V
(6)
由(
5)(6)可得系统工作频率
(
) *
0.2*
*
*
IN
LED
LED
SW
IN
LED
V
V
V
F
V
I
L
(7)
为保证芯片可靠稳定工作,建议其工作频率低于系统最大工作频率
1MHz。
辉度控制
ADJ 引脚是辉度控制输入端。ADJ 脚电压低于 0.3V 关断 LED 电流,高于 2.5V 则全部
打开
LED 电流,PWM 调光的频率范围从 100Hz 到 20KHz 以上。为保证辉度控制的线性一
致性,建议其最大辉度控制频率低于
5KHz。如果不需要辉度控制功能则将 ADJ 端与 LDO
的输出端
VDD 短接。
ADJ 管脚也可以通过外加直流电压 VADJ 实现模拟调光,最大 LED 电流由采样电阻 RCS
决定。直流电压
VADJ 的有效调光范围是 0.5V 到 2.5V。当直流电压 VADJ 高于 2.5V,输出 LE
D 电流保持恒定。
MOS 管选择
MOS 管的耐压值应高过最大输入工作电压。选择导通电阻小的 MOS 管有助于提高转换
效率。在
TON 期间低端 MOSFET 导通,电感电流从输入电压 VIN 经电流检测电阻、LED、
电感到低端
MOSFET 回到系统地;在 TOFF 期间高端 MOSFET(即同步管)导通,电感电流从
输入电压
VIN 经电流检测电阻、LED、电感到高端 MOSFET 回到输入电容。
LDO 输出端
LDO 的输出端 VCC 需接一个大于等于 1uF 的电容。LDO 可提供最大 5mA 的输出电流。
输入电容
电源输入端
VIN 需接 47uF 至 100uF 的滤波电容, 电容的耐压值应高于最大输入电压。
过温保护
当芯片温度过高时,典型情况下当芯片内部温度超过
140 度以上时,过温调节开始起作
用:随温度升高输入电流逐渐减小,从而限制输入功率,增强系统可靠性。
HM9950


Similar Part No. - HM9950

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901A HMSEMI-HM9901A Datasheet
1Mb / 11P
Lithium battery protection circuit
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902A HMSEMI-HM9902A Datasheet
543Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902B HMSEMI-HM9902B Datasheet
853Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - HM9950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
logo
Linkage Goston Electron...
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
Constant current LED drive chip
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
16 channel LED constant current drive
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
LED linear constant current drive circuit
logo
Shenzhen Putianhe Techn...
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
12 - channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
3 - channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
12 - channel LED constant current drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com