Electronic Components Datasheet Search
  English  ▼

X  

HM9950 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9950
Description  brightness LED constant current drive controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9950 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9950 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
典型应用电路图
VIN
VIN
CS
VSS
VCC
ADJ
DRL
DRH
SW
BST
HM9950
RCS
100nF
1uF
概述
HM9950 是一款高端电流检测同步降
压型高精度高亮度
LED 恒流驱动控制器。
HM9950 通过一个外接电阻设定输出
电流,最大输出电流可达
5A;电流精度
±3%;并可以通过 ADJ 引脚实现 PWM 调
光或线性调光。
系统采用电感电流滞环控制方式,对
负载瞬变具有非常快的响应,对输入电压
具有高的抑制比;
其电感电流纹波为
20%,
且最高工作频率可达
1MHz。
HM9950 适合宽输入电压范围的应
用,其输入电压范围从
5.5V 到 36V。
HM9950 内置过温保护电路,当芯片
达到过温保护点,系统立即进入过温保护
模式,将降低输入电流以提高系统可靠性。
HM9950 特别内置了一个 LDO,其输
出电压为
5V,最大可提供 5mA 电流输出。
HM9950 采用 MSOP10 封装。
特点
◆最大输出电流:
5A
◆最高效率:
97%
◆同步整流
◆高端电流检测
◆最大辉度控制频率:
5KHz
◆滞环控制,无需环路补偿
◆最高工作频率:
1MHz
◆电流精度:±
3%
◆宽输入电压:
5.5V~36V
◆过温保护
◆低压差工作时,可保持高稳定性
应用领域
◆建筑、工业、环境照明
MR16 及 LED 灯
◆汽车照明
HM9950


Similar Part No. - HM9950

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901A HMSEMI-HM9901A Datasheet
1Mb / 11P
   Lithium battery protection circuit
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9902A HMSEMI-HM9902A Datasheet
543Kb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9902B HMSEMI-HM9902B Datasheet
853Kb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - HM9950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
Linkage Goston Electron...
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
   Constant current LED drive chip
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
   Constant current LED drive chip
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
   16 channel LED constant current drive
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
   LED linear constant current drive circuit
logo
Shenzhen Putianhe Techn...
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
   9 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
   9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
   12 - channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
   3 - channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
   12 - channel LED constant current drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com