Electronic Components Datasheet Search
  English  ▼

X  

X11SSL Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 115Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 116Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 117Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 118Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 119Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 120Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 121Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 122Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
Appendix D: UEFI BIOS Recovery
119
Appendix D
UEFI BIOS Recovery
Warning: Do not upgrade the BIOS unless your system has a BIOS-related issue. Flashing
the wrong BIOS can cause irreparable damage to the system. In no event shall Supermicro
be liable for direct, indirect, special, incidental, or consequential damages arising from a BIOS
update. If you need to update the BIOS, do not shut down or reset the system while the BIOS
is updating to avoid possible boot failure.
D.1 Overview
The Unified Extensible Firmware Interface (UEFI) provides a software-based interface
between the operating system and the platform firmware in the pre-boot environment. The
UEFI specification supports an architecture-independent mechanism that will allow the UEFI
OS loader stored in an add-on card to boot the system. The UEFI offers clean, hands-off
management to a computer during system boot.
D.2 Recovering the UEFI BIOS Image
A UEFI BIOS flash chip consists of a recovery BIOS block and a main BIOS block (a main
BIOS image). The recovery block contains critical BIOS codes, including memory detection
and recovery codes for the user to flash a healthy BIOS image if the original main BIOS image
is corrupted. When the system power is turned on, the recovery block codes execute first.
Once this process is complete, the main BIOS code will continue with system initialization
and the remaining POST (Power-On Self-Test) routines.
Note 1: Follow the BIOS recovery instructions below for BIOS recovery when the main
BIOS block crashes.
Note 2: When the BIOS recovery block crashes, you will need to follow the procedures
to make a Returned Merchandise Authorization (RMA) request. (For a RMA request,
please see section 3.5 for more information). Also, you may use the Supermicro Up-
date Manager (SUM) Out-of-Band (OOB) (https://www.supermicro.com.tw/products/
nfo/SMS_SUM.cfm) to reflash the BIOS.
D.3 Recovering the Main BIOS Block with a USB Device
This feature allows the user to recover the main BIOS image using a USB-attached device
without additional utilities used. A USB flash device such as a USB Flash Drive, or a USB
CD/DVD ROM/RW device can be used for this purpose. However, a USB Hard Disk drive
cannot be used for BIOS recovery at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com