Electronic Components Datasheet Search
  English  ▼

X  

E1220 Datasheet(PDF) 6 Page - 3M Electronics

Part # E1220
Description  Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

E1220 Datasheet(HTML) 6 Page - 3M Electronics

  E1220 Datasheet HTML 1Page - 3M Electronics E1220 Datasheet HTML 2Page - 3M Electronics E1220 Datasheet HTML 3Page - 3M Electronics E1220 Datasheet HTML 4Page - 3M Electronics E1220 Datasheet HTML 5Page - 3M Electronics E1220 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3MCushion-MountPlus Plate Mounting Tapes with Easy Mount Adhesive
E1815 • E1820 • E1715 • E1720 • E1515 • E1520 • E1015 • E1020 • E1040 • E1060
E1315 • E1320 • E1915 • E1915S • E1920 • E1920S • E1215 • E1220 • E1115 • E1120
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative
humidity in the original carton.
Shelf Life
To obtain best performance, use all products, except 3M™ Cushion-Mount™ Plus
Plate Mounting Tapes with Easy Mount Adhesive E1040 and E1060, within two
years from date of manufacture. For Cushion-Mount Tapes E1040 and E1060 use
within one year from date of manufacture.
- 6 -
Recycled Paper
40% pre-consumer
10% post-consumer
3M and Cushion-Mount are
trademarks of 3M Company.
Printed in U.S.A.
©3M 2010
70-0709-5339-6
(7/10)
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such
information is not guaranteed.
Technical Information
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s
option, replacement of the 3M product or refund of the purchase price.
Warranty,
Limited Remedy,
and Disclaimer
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted,
including warranty, contract, negligence or strict liability.
Limitation of Liability
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2000 standards.
ISO 9001: 2000
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for user’s method of application.
Product Use
3
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/flexo


Similar Part No. - E1220

ManufacturerPart #DatasheetDescription
logo
3M Electronics
E1220H 3M-E1220H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
More results

Similar Description - E1220

ManufacturerPart #DatasheetDescription
logo
3M Electronics
L1720 3M-L1720 Datasheet
344Kb / 5P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
E1020H 3M-E1020H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
1720M 3M-1720M Datasheet
309Kb / 4P
   Cushion-Mount??Plus Plate Mounting Tapes
E1860 3M-E1860 Datasheet
46Kb / 4P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive and High Plateside Adhesion 40 and 60 mil Tapes
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
   VHB??Adhesive Transfer Tapes with Adhesive 100MP
9380 3M-9380 Datasheet
348Kb / 5P
   3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
9379 3M-9379 Datasheet
348Kb / 5P
   3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
   Adhesive Transfer Tapes
logo
Taoglas antenna solutio...
FXP543.A.07.A.001 TAOGLAS-FXP543.A.07.A.001 Datasheet
2Mb / 21P
   3M adhesive for easy mounting
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
   Double Coated Tapes with Adhesive 300
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com