Electronic Components Datasheet Search
  English  ▼

X  

E1220 Datasheet(PDF) 2 Page - 3M Electronics

Part # E1220
Description  Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

E1220 Datasheet(HTML) 2 Page - 3M Electronics

  E1220 Datasheet HTML 1Page - 3M Electronics E1220 Datasheet HTML 2Page - 3M Electronics E1220 Datasheet HTML 3Page - 3M Electronics E1220 Datasheet HTML 4Page - 3M Electronics E1220 Datasheet HTML 5Page - 3M Electronics E1220 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3MCushion-MountPlus Plate Mounting Tapes with Easy Mount Adhesive
E1815 • E1820 • E1715 • E1720 • E1515 • E1520 • E1015 • E1020 • E1040 • E1060
E1315 • E1320 • E1915 • E1915S • E1920 • E1920S • E1215 • E1220 • E1115 • E1120
- 2 -
Typical Physical Properties
and Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Cushion-Mount™ Plus
3M™ Cushion-Mount™ Plus
3M™ Cushion-Mount™ Plus
Firm Combination
Medium Firm Combination
Medium Combination
Plate Mounting Tapes
Plate Mounting Tapes
Plate Mounting Tapes
Product
E1815
E1820
E1715
E1720
E1515
E1520
Adhesive
Differential Acrylate
Differential Acrylate
Differential Acrylate
Polyethylene Carrier
Firm Blue Foam
Medium Firm Teal Foam
Medium Purple Foam
Type of Printing
Combination of solid
Combination of solid
Combination of solid
and line with minimal
and line with tone
and line with tone
tone reproduction
reproduction and
reproduction and
fine reverses
fine reverses
Application Thickness
in
0.015
0.020
0.015
0.020
0.015
0.020
(mm)
(0.381)
(0.508)
(0.381)
(0.508)
(0.381)
(0.508)
Thickness
Tape
in
0.017
0.022
0.017
0.022
0.017
0.022
(mm)
(0.432)
(0.559)
(0.432)
(0.559)
(0.432)
(0.559)
Film Liner
in
0.0045
0.0045
0.0045
0.0045
0.0045
0.0045
(mm)
(0.114)
(0.114)
(0.114)
(0.114)
(0.114)
(0.114)
Lot to Lot Tolerance
in
±0.0015
±0.0015
±0.0015
±0.0015
±0.0015
±0.0015
(mm)
(±0.038)
(±0.038)
(±0.038)
(±0.038)
(±0.038)
(±0.038)
Typical Application Area
in
±0.0004
±0.0004
±0.0004
±0.0004
±0.0004
±0.0004
Caliper Variation
(mm)
(±0.010)
(±0.010)
(±0.010)
(±0.010)
(±0.010)
(±0.010)
Roll Length
yd
25
25
25
25
25
25
(m)
(22.9)
(22.9)
(22.9)
(22.9)
(22.9)
(22.9)
Maximum Width
in
54
54
54
54
54
54
(mm)
(1371.6)
(1371.6)
(1371.6)
(1371.6)
(1371.6)
(1371.6)
Minimum Width
in
2
2
2
2
2
2
(mm)
(50.8)
(50.8)
(50.8)
(50.8)
(50.8)
(50.8)
Slitting Tolerance
in
±1/32
±1/32
±1/32
±1/32
±1/32
±1/32
(mm)
(±0.794)
(±0.794)
(±0.794)
(±0.794)
(±0.794)
(±0.794)
Density
lb/ft3
32
32
30
30
29
29
(kg/m3)
(512)
(512)
(480)
(480)
(465)
(465)
Compression Deflection
10% Compression
lb/in2
35
35
30
30
26
26
(kPa)
(241)
(241)
(207)
(207)
(180)
(180)
25% Compression
lb/in2
60
60
50
50
40
40
(kPa)
(414)
(414)
(345)
(345)
(276)
(276)
Durometer ASTM-D2240
72
72
68
68
67
67
Shore A
Peel Adhesion (Modified ASTM-D3330)
Non-linered side -
oz/in
55
55
55
55
55
55
Stainless Steel
(N/100mm)
(60)
(60)
(60)
(60)
(60)
(60)
Non-linered side -
oz/in
65
65
65
65
65
65
Composite Sleeve
(N/100mm)
(71)
(71)
(71)
(71)
(71)
(71)
Non-linered side -
oz/in
68
68
68
68
68
68
Polyester
(N/100mm)
(75)
(75)
(75)
(75)
(75)
(75)
Non-linered side -
oz/in
70
70
70
70
70
70
Urethane - A
(N/100mm)
(77)
(77)
(77)
(77)
(77)
(77)
Non-linered side -
oz/in
60
60
55
55
55
55
Urethane - B
(N/100mm)
(66)
(66)
(60)
(60)
(60)
(60)
Peel Adhesion (Modified ASTM-D3330)
Linered side -
oz/in
25
25
25
25
25
25
Photopolymer
(N/100mm)
(28)
(28)
(28)
(28)
(28)
(28)
Solvent Resistance
Water
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
Alkanes
Excellent
Excellent
Excellent
Excellent
Excellent
Excellent
Alcohols
Good
Good
Good
Good
Good
Good
Acetates
Fair
Fair
Fair
Fair
Fair
Fair
Heat Resistance
°F
120
120
120
120
120
120
(°C)
(49)
(49)
(49)
(49)
(49)
(49)


Similar Part No. - E1220

ManufacturerPart #DatasheetDescription
logo
3M Electronics
E1220H 3M-E1220H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
More results

Similar Description - E1220

ManufacturerPart #DatasheetDescription
logo
3M Electronics
L1720 3M-L1720 Datasheet
344Kb / 5P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
E1020H 3M-E1020H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
1720M 3M-1720M Datasheet
309Kb / 4P
   Cushion-Mount??Plus Plate Mounting Tapes
E1860 3M-E1860 Datasheet
46Kb / 4P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive and High Plateside Adhesion 40 and 60 mil Tapes
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
   VHB??Adhesive Transfer Tapes with Adhesive 100MP
9380 3M-9380 Datasheet
348Kb / 5P
   3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
9379 3M-9379 Datasheet
348Kb / 5P
   3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
   Adhesive Transfer Tapes
logo
Taoglas antenna solutio...
FXP543.A.07.A.001 TAOGLAS-FXP543.A.07.A.001 Datasheet
2Mb / 21P
   3M adhesive for easy mounting
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
   Double Coated Tapes with Adhesive 300
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com