Electronic Components Datasheet Search
  English  ▼

X  

ADNK-3040 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ADNK-3040
Description  Ultra Low-Power Optical Mouse Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ADNK-3040 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ADNK-3040 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADNK-3040
Ultra Low-Power Optical Mouse Sensor
Sample Kit
Sensor
The sensor technical information is contained in the
ADNS-3040 Data Sheet.
Lens
The lens information is contained in the ADNS-3120-001
Data Sheet.
LED Assembly Clip
The assembly information is contained in the ADNS-2220
Data Sheet.
LED
Information on the LED is contained in the HLMP-ED80-
XX000 Data Sheet.
3D Model IGES Files
The IGES file provides recommended base plate molding
features to ensure optical alignment.
CD-ROM
The above technical information for the sensor, clip,
lens and 3D Model IGES Files are contained within this
media.
Kit Components
Part Number
Description
Name
Quantity
ADNS-3040
Optical Mouse Sensor
Sensor
5
ADNS-3120-001
Lens (Trim Lens)
Lens
5
ADNS-2220
LED Assembly Clip (Black Clip)
LED Clip
5
ADNS-2220-001
LED Assembly Clip (Clear Clip)
LED Clip
5
HLMP-ED80-XX000
639 nm T 1 ¾ (5 mm) Diameter LED
LED
5
CD
a. ADNS-3040 Optical Mouse Sensor Data Sheet
b. ADNS-3120-001 Trim Lens Data Sheet
c. ADNS-2220 LED Assembly Clip Data Sheet
d. HLMP-ED80-XX000 LED Data Sheet
e. 3D Model IGES Files
-
1
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes 5989-3583EN
AV02-1527EN - September 11, 2008


Similar Part No. - ADNK-3040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results

Similar Description - ADNK-3040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3040 HP-ADNS-3040 Datasheet
339Kb / 26P
   Ultra Low-Power Mouse Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com