Electronic Components Datasheet Search
  English  ▼

X  

PRT2011CVL4A Datasheet(PDF) 112 Page - NXP Semiconductors

Part # PRT2011CVL4A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011CVL4A Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button PRT2011CVL4A Datasheet HTML 105Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 106Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 107Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 108Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 109Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 110Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 111Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 112Page - NXP Semiconductors PRT2011CVL4A Datasheet HTML 113Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 112 / 113 page
background image
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
112
NXP Semiconductors
Revision history
8
Revision history
Table 89 provides a revision history for this data sheet.
Table 89. i.MX RT1064 Data Sheet document revision history
Rev.
Number
Date
Substantive Change(s)
Rev. 2
08/2020
• Changed the MPCore to core in the Section 1.1, Features
• Added new part numbers in the Table 1, Ordering information
• Updated the Figure 1, "Part number nomenclature—i.MX RT1064"
• Updated the frequency of RTC OSC in the Table 2, i.MX RT1064 modules list
• Updated conditions and maximum current of DCDC_IN in the Table 12, Maximum supply currents
• Added a restrictions in the Section 4.2.1.1, Power-up sequence
• Added IOH and IOL in the Table 22, Single voltage GPIO DC parameters
• Updated the minimum and maximum values in the Table 33, SEMC output timing in SYNC mode
• Updated the VDDAD to VDDA in the Table 54, 12-bit ADC operating conditions and Table 55, 12-bit
ADC characteristics (VREFH = VDDA, VREFL = VSSAD)
Rev. 1
12/2019
• Updated SPI NAND Flash in the Section 1.1, Features
• Updated FlexSPI, LCD/CSI/PXP, and SNVS in the Table 1, Ordering information; added KPP, SPI,
XBAR/AOI, and CSU in the Table 1, Ordering information
• Updated RAM in the Figure 2, "i.MX RT1064 system block diagram"
• Updated the Section 4.1.2, Thermal resistance
• Updated the Table 82, Boot through UART1 and removed the Table, Booth through UART2
• Updated the Figure 53, "10 x 10 mm BGA, case x package top, bottom, and side Views" and
Figure 54, "12 x 12 mm BGA, case x package top, bottom, and side Views"
Rev. 0
05/2019
• Initial version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com