Electronic Components Datasheet Search
  English  ▼

X  

NCV30161 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV30161 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV30161 Datasheet HTML 2Page - ON Semiconductor NCV30161 Datasheet HTML 3Page - ON Semiconductor NCV30161 Datasheet HTML 4Page - ON Semiconductor NCV30161 Datasheet HTML 5Page - ON Semiconductor NCV30161 Datasheet HTML 6Page - ON Semiconductor NCV30161 Datasheet HTML 7Page - ON Semiconductor NCV30161 Datasheet HTML 8Page - ON Semiconductor NCV30161 Datasheet HTML 9Page - ON Semiconductor NCV30161 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCV30161
www.onsemi.com
8
Dimming Event
Figure 6. 12 Vin, 3.3 mH, 2 LEDs, 200 mW Rsense, 1 Khz FDIM
Purple: LED Current, Yellow: CS Pin, Green: DIM Pin
100% Duty Cycle Event at 1 A LED Current
Figure 7. 12 Vin, 3.3 mH, 200 mW Rsense , 2 LEDs VF ~ 3.5 V
Purple: LED Current, Yellow: CS Pin


Similar Part No. - NCV30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3011 ONSEMI-NCV3011 Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
More results

Similar Description - NCV30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com