Electronic Components Datasheet Search
  English  ▼

X  

NCV30161 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV30161 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV30161 Datasheet HTML 2Page - ON Semiconductor NCV30161 Datasheet HTML 3Page - ON Semiconductor NCV30161 Datasheet HTML 4Page - ON Semiconductor NCV30161 Datasheet HTML 5Page - ON Semiconductor NCV30161 Datasheet HTML 6Page - ON Semiconductor NCV30161 Datasheet HTML 7Page - ON Semiconductor NCV30161 Datasheet HTML 8Page - ON Semiconductor NCV30161 Datasheet HTML 9Page - ON Semiconductor NCV30161 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DFNW10, 3x3, 0.5P
CASE 507AE
ISSUE A
DATE 15 JUN 2018
SCALE 2:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. THIS DEVICE CONTAINS WETTABLE FLANK
DESIGN FEATURE TO AID IN FILLET FORMA-
TION ON THE LEADS DURING MOUNTING.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
10X
0.10
B
0.05
A
C
C NOTE 3
PIN ONE
REFERENCE
TOP VIEW
A
A3
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L
10X
1
5
6
10
1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
DETAIL B
DETAIL A
NOTE 4
GENERIC
MARKING DIAGRAM*
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXXX
XXXXX
ALYW
G
G
1
(Note: Microdot may be in either location)
SOLDERING FOOTPRINT*
10X
0.58
3.30
1.75
0.30
1
0.50
PITCH
3.30
10X
DIMENSIONS: MILLIMETERS
2.50
0.50
PITCH
PACKAGE
OUTLINE
b2
4X
DIM
MIN
NOM
MILLIMETERS
A
0.80
0.90
A1
−−−
−−−
b
0.20
0.25
D
D2
2.30
2.40
E
E2
1.55
1.65
e
0.50 BSC
L
0.30
0.40
A3
0.20 REF
2.90
3.00
K
A4
L3
MAX
2.90
3.00
1.00
0.05
0.30
2.50
1.75
0.50
3.10
3.10
ALTERNATE
CONSTRUCTION
DETAIL A
L3
SECTION C−C
PLATED
A4
SURFACES
L3
L3
L
DETAIL B
PLATING
EXPOSED
ALTERNATE
CONSTRUCTION
COPPER
A4
A1
A4
A1
L
e
b2
4X
0.28
C
C
0.25 REF
0.28 REF
0.05 REF
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present. Some products
may not follow the Generic Marking.
0.10
−−−
−−−
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98AON17793G
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
DFNW10 3x3, 0.5P
© Semiconductor Components Industries, LLC, 2018
www.onsemi.com


Similar Part No. - NCV30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3011 ONSEMI-NCV3011 Datasheet
469Kb / 29P
Synchronous PWM Controller
July, 2018 - Rev. 5
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
469Kb / 29P
Synchronous PWM Controller
July, 2018 - Rev. 5
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
Voltage Detector Series
October, 2009 ??Rev. 27
More results

Similar Description - NCV30161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com