Electronic Components Datasheet Search
  English  ▼

X  

NCV30161 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV30161 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV30161 Datasheet HTML 2Page - ON Semiconductor NCV30161 Datasheet HTML 3Page - ON Semiconductor NCV30161 Datasheet HTML 4Page - ON Semiconductor NCV30161 Datasheet HTML 5Page - ON Semiconductor NCV30161 Datasheet HTML 6Page - ON Semiconductor NCV30161 Datasheet HTML 7Page - ON Semiconductor NCV30161 Datasheet HTML 8Page - ON Semiconductor NCV30161 Datasheet HTML 9Page - ON Semiconductor NCV30161 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.onsemi.com
1
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
TECHNICAL SUPPORT
North American Technical Support:
Voice Mail: 1 800−282−9855 Toll Free USA/Canada
Phone: 011 421 33 790 2910
LITERATURE FULFILLMENT:
Email Requests to: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Europe, Middle East and Africa Technical Support:
Phone: 00421 33 790 2910
For additional information, please contact your local Sales Representative


Similar Part No. - NCV30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3011 ONSEMI-NCV3011 Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
More results

Similar Description - NCV30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com