Electronic Components Datasheet Search
  English  ▼

X  

HM7136 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7136
Description  Adjustable Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7136 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7136 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6 of 6
power dissipation
SOT89-5 power dissipation
The power dissipation data for the SOT89-5 is shown as below. The value of power dissipation varies with the mount
board conditions. Please use this data as the reference data taken in the following condions.
1. Measurement condition
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead(pb) free
Board:
Dimensions 30*35mm (1050mm2 in one side)
Copper(Cu) traces occupy 50% of the board
Area in top and back faces
Material:
Glass Epoxy (FR-4)
Thickness: 1.6mm
Through-hole: 5*0.8 Diameter
2. Power dissipation vs. Ambient temperature
Evaluation Board( Unit:mm)
Board Mount (Tj max=125 ℃)
Ambient Temperature(℃)
Power Dissipation(mW)
Thermal Resistance(℃/W)
25
1300
76.92
85
520
Pd vs.Ta
0
200
400
600
800
1000
1200
1400
25
35
45
55
65
75
85
95
105
115
125
Ambient temperature(℃)
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com


Similar Part No. - HM7136

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM713 HMSEMI-HM713 Datasheet
640Kb / 7P
Single chip Hall effect current sensor
HM713-05A HMSEMI-HM713-05A Datasheet
640Kb / 7P
Single chip Hall effect current sensor
HM713-10A HMSEMI-HM713-10A Datasheet
640Kb / 7P
Single chip Hall effect current sensor
HM713-20A HMSEMI-HM713-20A Datasheet
640Kb / 7P
Single chip Hall effect current sensor
HM713-30A HMSEMI-HM713-30A Datasheet
640Kb / 7P
Single chip Hall effect current sensor
More results

Similar Description - HM7136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com