Electronic Components Datasheet Search
  English  ▼

X  

TTDS-263 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # TTDS-263
Description  ZHD-SCE LOW FIRE HAZARD DIESEL RESISTANT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TTDS-263 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  TTDS-263 Datasheet HTML 1Page - TE Connectivity Ltd TTDS-263 Datasheet HTML 2Page - TE Connectivity Ltd TTDS-263 Datasheet HTML 3Page - TE Connectivity Ltd TTDS-263 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TTDS-263 ZHD-SCE HEAT SHRINK IDENTIFICATION MARKER SLEEVES
PAGE 4
CLASS 1 DATA CLASSIFICATION - SEE POLICY TEC-02-04
Software
Print quality and print performance can only be
guaranteed when specific TE printer and ribbons are
used.
The current list of printers and ribbons can be found in
TE document 411-121005 ‘Identification Printer Product
Ribbon Matrix’. This document can be found in ‘Access
Our Tools’:
http://www.te.com/usa-en/utilities/access-product-tools-
and-resources.html
Printer Information
ZHD-SCE
LOW FIRE HAZARD, DIESEL RESISTANT
WINTOTAL software, available to download for a 14 day
evaluation period from the Identification Printer Software
page:
http://www.te.com/usa-en/products/identification-labeling/
printers-software.html
Contact a TE representative for further information
www.te.com/rail
TE Connectivity, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might be trademarks
of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connec-
tivity makes no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE
Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising
out of the sale, resale, use or misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for
the specific application.
© 2017 TE Connectivity Ltd. family of companies All Rights Reserved.


Similar Part No. - TTDS-263

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-259 TEC-TTDS-259 Datasheet
531Kb / 3P
   UNIVERSAL REEL HOLDER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
More results

Similar Description - TTDS-263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
002308-000 MACOM-002308-000 Datasheet
5Mb / 85P
   HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
B-151-07 MACOM-B-151-07 Datasheet
113Kb / 1P
   SOLDERSLEEVE LOW-FIRE-HAZARD WITH PRE-INSTALLED LEAD.
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
logo
3M Electronics
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
   3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
logo
Huber+Suhner, Inc.
04-___CWJSNHIH-__ HUBERSUHNER-04-___CWJSNHIH-___20 Datasheet
375Kb / 3P
   Breakout Fire Resistant 4 x 2.0mm LSFH Ø 10.0mm
12-___CWJSNHIH-__ HUBERSUHNER-12-___CWJSNHIH-___20 Datasheet
470Kb / 3P
   Breakout Fire Resistant 12 x 2.0mm LSFH Ø 15.0mm
08-___CWJSNHIH-__ HUBERSUHNER-08-___CWJSNHIH-___20 Datasheet
407Kb / 3P
   Breakout Fire Resistant 8 x 2.0mm LSFH Ø 12.0mm
logo
Belden Inc.
BPB52L1F BELDEN-BPB52L1F Datasheet
147Kb / 2P
   CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable
2022 Belden, Inc
logo
Molex Electronics Ltd.
62203-0750 MOLEX11-62203-0750 Datasheet
31Kb / 1P
   zHD Extractor Tool
logo
Belden Inc.
NH50105SF BELDEN-NH50105SF Datasheet
142Kb / 2P
   DataTuff™ Industrial Ethernet CAT5e 4X2X23AWG/1 S/FTP Fire Resistant
2022 Belden, Inc
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com