Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 151 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 147Page - Texas Instruments AM6548_V02 Datasheet HTML 148Page - Texas Instruments AM6548_V02 Datasheet HTML 149Page - Texas Instruments AM6548_V02 Datasheet HTML 150Page - Texas Instruments AM6548_V02 Datasheet HTML 151Page - Texas Instruments AM6548_V02 Datasheet HTML 152Page - Texas Instruments AM6548_V02 Datasheet HTML 153Page - Texas Instruments AM6548_V02 Datasheet HTML 154Page - Texas Instruments AM6548_V02 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 282 page
background image
Figure 7-13. Clock Switching Characteristics
7.9.4 Clock Specifications
7.9.4.1 Input Clocks / Oscillators
Various external clock inputs are needed to drive the device. Summary of these input clock signals are:
• OSC1_XO/OSC1_XI — Еxternal main crystal interface pins connected to internal oscillator which sources
reference clock and provides reference clock to PLLs within MAIN domain. Also, for audio applications,
high-frequency oscillator 0 is used to provide audio clock frequencies to MCASPs.
• WKUP_OSC0_XO/WKUP_OSC0_XI — Еxternal main crystal interface pins connected to internal oscillator
which sources reference clock and provides reference clock to PLLs within MCU domain and MAIN domain.
• WKUP_LFOSC_XO/WKUP_LFOSC_XI — External main crystal interface pins connected to internal oscillator
which sources reference clock provides a clock for low power operation in deeper sleep modes.
• MCU_EXT_REFCLK0 — Optional external system clock input (MCU domain).
• EXT_REFCLK1— Optional external System clock input (MAIN domain). Optionally PLL2 (PER1) and MCASP
can be sourced by EXT_REFCLK1 (sourced externally).
• SERDES0_REFCLK P/N and SERDES1_REFCLK P/N — SerDes reference clock for PCIe or Optional
USB3.0 PHY.
• MCU_CPTS0_RFT_CLK — CPTS reference clock inputs for MCU_CPTS0_RFT_CLK.
• CPTS_RFT0_CLK — CPTS reference clock inputs for CPTS0_RFT_CLK.
• VOUT1_EXTPCLKIN — Optional for the DPI1 Port of DSS.
• REFCLK0 P/N and REFCLK1 P/N — There are 2 differential clock output pins to support 2 PCIe devices.
Figure 7-14 shows the external input clock sources to peripherals.
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com