Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 198 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 198 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 194Page - Texas Instruments AM6548_V02 Datasheet HTML 195Page - Texas Instruments AM6548_V02 Datasheet HTML 196Page - Texas Instruments AM6548_V02 Datasheet HTML 197Page - Texas Instruments AM6548_V02 Datasheet HTML 198Page - Texas Instruments AM6548_V02 Datasheet HTML 199Page - Texas Instruments AM6548_V02 Datasheet HTML 200Page - Texas Instruments AM6548_V02 Datasheet HTML 201Page - Texas Instruments AM6548_V02 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 282 page
background image
GPMC_CSn[x]
GPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_OEn_REn
GPMC_FCLK
GPMC_WAIT[x]
GNF10
GNF14
GNF15
GNF12
GNF13
DATA
GPMC_AD[15:0]
GPMC_14
A.
GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional
clock edge. GNF12 value must be stored inside AccessTime register bits field.
B.
GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally.
C.
In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. In GPMC_WAIT[x], x is equal to 0 or 1.
Figure 7-61. GPMC and NAND Flash—Data Read Cycle
GPMC_FCLK
GPMC_CSn[x]
GPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_OEn_REn
GPMC_WEn
DATA
GNF0
GNF1
GNF4
GNF9
GNF3
GNF6
GPMC_AD[15:0]
GPMC_15
A.
In GPMC_CSn[x], x is equal to 0, 1, 2 or 3.
Figure 7-62. GPMC and NAND Flash—Data Write Cycle
For more information, see section General-Purpose Memory Controller (GPMC) in the device TRM.
7.9.5.11 HyperBus
Note
HyperBus is not available on this device.
For more details about features and additional description information on the device Hyperbus, see the
corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Section 7.9.5.11.1, Section 7.9.5.11.2, and Section 7.9.5.11.3 assume testing over the recommended operating
conditions and electrical characteristic conditions (see Figure 7-63, Figure 7-64, and Figure 7-65).
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
198
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com