Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 205 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 205 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 201Page - Texas Instruments AM6548_V02 Datasheet HTML 202Page - Texas Instruments AM6548_V02 Datasheet HTML 203Page - Texas Instruments AM6548_V02 Datasheet HTML 204Page - Texas Instruments AM6548_V02 Datasheet HTML 205Page - Texas Instruments AM6548_V02 Datasheet HTML 206Page - Texas Instruments AM6548_V02 Datasheet HTML 207Page - Texas Instruments AM6548_V02 Datasheet HTML 208Page - Texas Instruments AM6548_V02 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 282 page
background image
ASP15
ASP14
ASP13
ASP13
ASP12
ASP12
ASP11
ASP10
ASP10
ASP9
A0
A1
B0
B1
A30 A31
B30 B31 C0
C1 C2 C3
C31
ASP13
ASP13
ASP13
ASP13
ASP13
MCASP[x]_ACLKR/X (Falling Edge Polarity)
MCASP[x]_AHCLKR/X (Rising Edge Polarity)
MCASP[x]_AFSR/X (Bit Width, 0 Bit Delay)
MCASP[x]_AFSR/X (Bit Width, 1 Bit Delay)
MCASP[x]_AFSR/X (Bit Width, 2 Bit Delay)
MCASP[x]_AFSR/X (Slot Width, 0 Bit Delay)
MCASP[x]_AFSR/X (Slot Width, 1 Bit Delay)
MCASP[x]_AFSR/X (Slot Width, 2 Bit Delay)
MCASP[x]_AXR[x] (Data Out/Transmit)
MCASP[x]_ACLKR/X (CLKRP = CLKXP = 1)
(A)
MCASP[x]_ACLKR/X (CLKRP = CLKXP = 0)
(B)
A.
For CLKRP = CLKXP = 1, the MCASP transmitter is configured for falling edge (to shift data out) and the MCASP receiver is configured
for rising edge (to shift data in).
B.
For CLKRP = CLKXP = 0, the MCASP transmitter is configured for rising edge (to shift data out) and the MCASP receiver is configured
for falling edge (to shift data in).
Figure 7-67. MCASP Output Timing
For more information, see section Controller Area Network (MCAN) in the device TRM.
7.9.5.15 MCSPI
For more details about features and additional description information on the device Serial Port Interface, see
the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Table 7-46 presents the timing conditions of SPI.
Table 7-46. SPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
8.5
V/ns
OUTPUT CONDITIONS
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
205
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com