| Electronic Components Datasheet Search |
|
AM6528 Datasheet(PDF) 251 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528 Datasheet(HTML) 251 Page - Texas Instruments |
|
251 / 282 page ![]() 8.4 Other Subsystems 8.4.1 DMSC Integrated in WKUP domain Device Management and Security Controller (WKUP_DMSC) provides control over the device boot sequencing, device management, power management, and security. With the factory-sealed firmware, DMSC main functions include: • Device management • On-chip power management and wake-up control • Device boot configuration and sequence • Secure boot setup • Authentication routines (all modes), including R5F island only boot modes • Decryption routines • Firewall control for isolation and Security • Runtime Security Management and resource allocation • Arm Cortex-M3 based DMSC acts as system security master and protects critical security assets during run-time. As part of booting on High Security (HS) device, DMSC uses on-chip keys to establish root-of-trust and authenticate images to reinforce trust. DMSC controls the power management of device, hence is responsible to bring device cleanly out of reset and enforce clock and reset rules. DMSC power management functions are critical to bring device to low power modes and sense wakeup events to bring device back to active state. DMSC acts also as main boot processor and as such is the very first subsystem that is brought out of reset after device power-on-reset. For more information, see WKUP Device Management and Security Controller (DMSC) section in the device TRM. 8.4.2 MSMC The Multicore Shared Memory Controller (MSMC) forms the heart of the compute cluster (COMPUTE_CLUSTER0) providing high-bandwidth resource access both to and from all of the connected processing elements and the rest of the system. MSMC serves as the data-movement backbone of the compute cluster. For more information, see Multicore Shared Memory Controller (MSMC) section in the device TRM. 8.4.3 NAVSS 8.4.3.1 NAVSS0 Main SoC Navigator Subsystem (NAVSS0) consists of DMA/Queue Management components – UDMA and Ring Accelerator (UDMASS), Peripherals (Module subsystem [MODSS]), and a North Bridge (NBSS). UDMASS – UDMASS is the essential part of the DMA Architecture. UDMASS consists of: • Unified DMA Controller • Ring Accelerator • Packet Streaming Interface (PSI-L) MODSS – MODSS is a collection of peripherals with different system-level functions, for example, interprocessor communication and time sync, among others. NAVSS0 contains the following modules: • Mailbox • Spinlock • Two Timer Managers (Timer banks) • Time Stamp Module (CPTS) • Memory CRC module • Infrastructure components such as: – CBASS – Proxies – Interrupt aggregators – Interrupt router NBSS – This is a north bridge infrastructure www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 251 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |