Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17703EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 10Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
System Considerations
The MAX17703 EV kit is designed to charge Li-ion bat-
teries. When the load current is drawn during the battery
charging process, the charging current available for bat-
tery charging reduces. This influences the overall charg-
ing time (in CC, CV states). The safety timer timeout
(TFCHG) must be adjusted accordingly. Disable the timer
function to charge the Li-ion batteries with a parallel sys-
tem load current equal to or greater than the taper current
threshold (ITCHG), to avoid undesired latched-fault in CC
or CV states
For safe operation, follow the procedure below while mak-
ing connections:
1) Connect the battery terminals to the output of the
charger circuit. Note that the output capacitors of the
charger can draw current from the battery during a
hot plug-in/connection process.
2) Connect the input power source to the battery char-
ger circuit only after securely connecting the battery
at the output.
3) Do not operate the charger without battery or pre-
loaded supply.
For more details about charger operation, refer to the
MAX17703 IC data sheet.
EV Kit Redesign Recommendation as per
Custom Battery Charging Parameters
The MAX17703EVKITA# is designed for 45Ahr, 4.2V
Li-ion battery with a charging resistance of 15mΩ. For
other battery specifications, the following battery charging
parameters need to be considered to redesign the EV kit
application circuit.
Battery Charging Resistance (RBAT)
The charger controller needs to be designed according
to the battery charging resistance (RBAT). If the battery
charging resistance is greater than 50mΩ, the compensa-
tion capacitor (C17) on the EV kit needs to be redesigned
using the following equation:
E
0.8 L1
C17
R12 R
×
=
×
where:
RE = RDCR + RS + RDS_ON(HS) x DMIN + RDS_ON(LS)
x (1- DMIN ) + RBAT
RDCR = DC resistance of inductor (L1)
RS = Current-sense resistor value (R22)
RDS_ON(HS), RDS_ON(LS) = Worst-case on-state resis-
tances of high-side MOSFET (Q4) and low-side MOSFET
(Q3), respectively
VOUT = Desired regulation voltage across the battery
VDCIN_MAX = Maximum operating input voltage
OUT
MIN
DCIN_MAX
V
D
V
=
Battery Charging Current (ICHGMAX)
If the battery charging current in CC state needs to
be increased greater than 10A and less than 6A, the
following components on the EV kit might need to be
redesigned:
1) Buck converter inductor (L1)
2) Current-sense resistor (R22)
3) ILIM resistor divider circuit (R8 and R9)
4) Input capacitance on VIN (refer to the Schematic)
5) Output capacitance on VOUT (refer to the Schematic)
6) Current regulation loop compensation
(R12, C17, and C18)
7) Step-down converter nMOSFET selection
(Q2, Q3, Q4, and Q5)
8) Input short-circuit protection external nMOSFET
Selection (Q1)
For the detailed design guidelines, refer to the MAX17703
IC data sheet.
Battery Charging Voltage (VOUT)
If the battery charging voltage in CV state needs to be
changed, the following components on the EV kit might
need to be redesigned:
1) Battery feedback resistor divider circuit (R25 and R26)
2) External power-supply input for EXT-LDO (EXTVCC)
connection circuit (R15 and C23)
3) Buck converter inductor (L1)
4) Input capacitance on VIN (refer to the schematic)
5) Output capacitance on VOUT (refer to the schematic)
6) Step-down converter nMOSFET selection (Q2, Q3,
Q4, and Q5)
7) Input short-circuit protection external nMOSFET
selection (Q1)
For detailed design guidelines, refer to the MAX17703 IC
data sheet.


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com