Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 10Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 11Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 12Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Maxim Integrated │ 9
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
(VDCIN = 24V, VOUT = 4.2V, ICHGMAX = 10A, fSW = 350kHz, TA = +25ºC, unless otherwise noted.)
MAX17703EVKITA# Performance Report
0
1
2
3
4
5
0
2
4
6
8
10
CHARGING CURRENT (A)
TOC02
VDCIN = 12V
VOUT vs. ICHG CURVE
VDCIN = 24V V
DCIN = 48V
20V/div
TOC05
20ms/div
VDCIN
VCC
5V/div
20V/div
DCIN STARTUP
5V/div
VLX
(VGATEN
- VDCIN)
CONDITIONS: CC STATE
TOC08
2µs/div
VOUT(AC)
50mV/div
STEADY-STATE PERFORMANCE
VLX
5A/div
20V/div
IL
CONDITIONS: CV STATE, ICHG = 5A
0
2
4
6
8
10
12
2.5
2.8
3.1
3.4
3.7
4.0
4.3
0
2
4
6
8
10
TIME (hrs)
TOC03
LI-ION BATTERY CHARGING PROFILE
20V/div
TOC06
4ms/div
VCC
2V/div
5V/div
2V/div
VLX
VEN/UVLO
CONDITIONS: CV STATE, ICHG = 2A
SHUTDOWN THROUGH EN/UVLO
VOUT
ILIM TRANSIENT PERFORMANCE
VILIM IS VARIED BETWEEN 0.9V AND 1.5V
TOC09
40µs/div
VILIM
5A/div
1V/div
5A/div
IL
ICHG
CONDITIONS: CC STATE
30
40
50
60
70
80
90
100
0
2
4
6
8
10
CHARGING CURRENT (A)
EFFICIENCY vs. CHARGING CURRENT
VDCIN = 48V
VDCIN = 24V
VDCIN = 12V
TOC01
TOC04
400
μs/div
VOUT
5V/div
AUTO RECHARGING OF LI-ION BATTERY
VFLG2
5A/div
5V/div
1V/div
ILX
VFLG1
TOC07
2µs/div
VDL
5V/div
STEADY-STATE SWITCHING
VLX
(VDH - VLX)
10A/div
20V/div
5V/div
IL
CONDITIONS: CC STATE


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com