Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17703EVKITA Datasheet HTML 1Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 2Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Evaluates: MAX17703 in 4.2V
Li-Ion Battery Charger Application
MAX17703EVKITA# Evaluation Kit
General Description
The MAX17703EVKITA# (EV kit) provides a proven
design to evaluate the MAX17703 high-efficiency, high-
voltage, Himalaya synchronous step-down DC-DC Li-ion
charger controller. The EV kit charges the Li-ion bat-
tery in constant current (CC) and constant voltage (CV)
states and terminates in a topup-charge state after the
taper timer is elapsed. The EV kit is designed to charge
the Li-ion battery with 10A CC mode charging current
(ICHGMAX) and 4.2V CV mode voltage (VOUT) from an
8.5V to 60V input supply. The EV kit is optimized for a
24V nominal input application. The switching frequency
of the EV kit is set at 350kHz (fSW) for optimum efficiency
and component size. The EV kit features a safety timer
(TMR) to set the maximum allowed CC mode and CV
mode charging time. The EV kit also features battery tem-
perature sensing and charges only when the temperature
is in the allowable charging temperature range. For more
details about the IC benefits and features, refer to the
MAX17703 IC data sheet.
Features
● Operates from an 8.5V to 60V Input Supply
● 10A CC Mode Charging Current
● 4.2V CV Mode Charging Voltage
● 350kHz Switching Frequency
● Resistor-Programmable UVLO Threshold (EN/UVLO)
● Input-Short Protection
● 3V Programmed Deeply Discharged Battery
Detection
● Capacitor Programmed 10.4 hours Safety Timer
● Charge Termination on Full Battery Detection with
Taper Current Threshold and Taper-Timer
● Cycle-by-Cycle Overcurrent Limit
● External Clock Synchronization (RT/SYNC)
● Charger Status Flags (FLG1, FLG2)
● Charging Current Monitoring (ISMON)
● Battery Temperature Sensing and Charge when
Within Operating Temperature Range +5°C to +45°C
● IC Overtemperature Protection
● Complies with CISPR 32 (EN55032) Class B
Conducted and Radiated Emissions
● Proven PCB Layout
● Fully Assembled and Tested
319-100739; Rev 0; 4/21
Ordering Information appears at end of data sheet.
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com