Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 10Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 11Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 12Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 13Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Maxim Integrated │ 10
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
Note: Indicate that you are using the MAX17703 when contact-
ing these component suppliers.
PART
TYPE
MAX17703EVKITA#
EV Kit
SUPPLIER
WEBSITE
Coilcraft, Inc.
www.coilcraft.com
Murata Americas
www.murataamericas.com
Panasonic Corp.
www.panasonic.com
TDK
www.tdk.com
Vishay
www.vishay.com
Taiyo Yuden
www.yuden.co.jp
Diodes Inc.
www.diodes.com
Yageo Corp.
www.yageo.com
(VDCIN = 24V, VOUT = 4.2V, ICHGMAX = 10A, fSW = 350kHz, TA = +25ºC, unless otherwise noted.)
MAX17703EVKITA# Performance Report (continued)
5
6
7
8
9
10
0.9
1.0
1.1
1.2
1.3
1.4
1.5
ILIM VOLTAGE (V)
ICHGMAX vs. ILIM VOLTAGE
TOC11
CONDITIONS: CC STATE
4.2V OUTPUT, 10A CHARGING CURRENT
CONDUCTED EMI CURVE
TOC14
FREQUENCY (MHz)
0
0.15
1
10
30
10
40
30
20
60
50
CISPR 32 CLASS B QP LIMIT
CISPR 32 CLASS B AVG LIMIT
PEAK EMISSIONS
AVERAGE EMISSIONS
CONDITIONS: L2 = 15µH,
C1 = C5 = C6 = C9 = 4.7µF/100V/X7R/1206
TOC12
10µs/div
INPUT (DCIN) SHORT PROTECTION
10V/div
5V/div
5V/div
VLX
VDCIN
VOUT
20V/div
(VGATEN -
VDCIN)
CONDITIONS: TOPUP-CHARGE STATE
-10
0
10
20
30
40
50
60
70
80
30M
50 60 80 100M
200
300 400 500
800 1G
FrequencyinHz
4.2V OUTPUT, 10A CHARGING CURRENT
RADIATED EMI CURVE
TOC15
FREQUENCY (MHz)
-10
30
100
1000
0
40
30
20
50
10
CISPR 32 CLASS B QP LIMIT
HORIZONTAL SCAN
VERTICAL SCAN
TOC10
100s/div
VOUT
5V/div
SAFETY TIMER FAULT IN CC STATE
VFLG2
10A/div
5V/div
5V/div
ICHG
CONDITIONS: C16 = 2.2nF (TMR CAPACITOR)
VFLG1
CHARGING DISABLE AND ENABLE
WITH BATTERY TEMPERATURE
TOC13
20s/div
0.5V/div
20V/div
5V/div
VFLG1
VTEMP
VLX
5V/div
VFLG2
CONDITIONS: CC STATE
42°C
44°C
Ordering Information
Component Suppliers


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com