Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17703EVKITA Datasheet HTML 1Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 2Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
Quick Start
Recommended Equipment
● MAX17703EVKITA#
● 60V, 10A DC input-power supply (PS1)
● 4.2V, 45Ahr Li-ion battery with 15mΩ battery
charging resistance
(or)
25A DC power supply (PS2) and 12A DC electronic
load (LOAD)
● Four digital voltmeters (DVM)
Equipment Setup and Test Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed. Carefully make the con-
nections to avoid the battery short circuit at the
output. Do not operate the EV kit without battery or
preloaded supply.
The battery charger can be tested in two different ways,
either with a battery or preloaded supply (power supply
with electronic load).
Testing with Battery:
1) Set the power supply at a voltage between 8.5V and
60V. Disable the power supply (PS1).
2) Make sure that the battery has an open circuit volt-
age of 3.5V.
3) Connect PS1 and Li-ion battery to the EV kit as
shown in Figure 1.
4) Verify that the shunts are installed across pins 1–2
on all jumpers: charger enable/disable jumper (J1),
CC mode charging current jumper (J2), TEMP fea-
ture jumper (J3), and safety timer jumper (J4). See
Table 1, Table 2, Table 3, and Table 4 for details.
5) Connect the digital voltage meter (DVM1) between
the ISMON PCB pad and the nearest SGND PCB
pad for monitoring the charging current. Connect
DVM2 between the VOUT PCB pad and the nearest
PGND PCB pad for measuring the charging voltage.
6) Connect the DVM3 between the FLG1 PCB pad
and the nearest SGND PCB pad for monitoring the
charger status.
7) Connect the DVM4 between the FLG2 PCB pad
and the nearest SGND PCB pad for monitoring the
charger status. See Table 5 for details.
8) Turn on the DC power supply.
9) The charger starts in CC state and the safety timer
starts counting. Verify that the DVM1 displays 1.5V,
proportional to a 10A charging current (ICHGMAX).
10) In CC state, observe that DVM3 and DVM4 displays
0V and 5.1V, respectively.
11) When the charging voltage reaches above 4.1V, the
charger enters CV state, and the charging current
starts to fall from 10A. Verify that when DVM2 dis-
plays above 4.1V, the voltage reading on DVM1 falls
from 1.5V, proportional to the charging current.
12) When the charging current falls below 1A within the
default safety timer timeout of 10.4 hours, the char-
ger enters the topup-charge state from the CV state.
Verify that DVM1 shows less than 0.15V, proportion-
al to the charging current of less than 1A.
13) When the charger enters the topup-charge state,
the safety timer counter is reset, and the taper timer
counter starts.
14) If the charging current does not fall below 1A within
the safety timer timeout of 10.4 hours, the charger
enters a latched-fault state. In latched-fault state,
DVM3 and DVM4 displays 5.1V and 0V, respectively.
15) In the topup-charge state, the charger continues to
regulate the charging voltage. After 63 minutes, the
taper timer counter elapses, charging is terminated,
and the charger enters full-battery state. Verify that
both DVM3 and DVM4 displays 0V.
16) After testing is completed, switch off the power sup-
ply and remove the connections from the EV kit.
17) Carefully remove the battery connection from the
EV kit.
Figure 1. Battery Connection with EV Kit
VOUT
PGND
MAX17703EVKITA#
+
-
DCIN
PGND
DC
POWER
SUPPLY
(PS1)
+
-
LI-ION
BATTERY


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com