Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17703EVKITA Datasheet HTML 1Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 2Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
Testing with Preloaded Supply:
1) Set the first power supply (PS1) at a voltage be-
tween 8.5V and 60V. Disable the power supply
(PS1).
2) Set the second power supply (PS2) at a voltage of
3.5V and current limit of 13A. Disable the power sup-
ply (PS2).
3) Set the electronic load (LOAD) at 12A in Constant
Current (CC) mode and disable the load.
4) Connect PS1, PS2, and LOAD to the EV kit as
shown in Figure 2.
5) Make sure that LOAD is connected across the PS2
terminals and the connection resistance from the EV
kit to the preloaded supply is not greater than 50mΩ.
6) Verify that the shunts are installed across pins 1–2
on all jumpers: charger enable/disable jumper (J1),
CC mode charging current jumper (J2), TEMP fea-
ture jumper (J3), and safety timer jumper (J4). See
Table 1, Table 2, Table 3, and Table 4 for details.
7) Connect the digital voltage meter (DVM1) between
the ISMON PCB pad and the nearest SGND PCB
pad for monitoring the charging current.
8) Connect DVM2 between the VOUT PCB pad and the
nearest PGND PCB pad for measuring the charging
voltage.
9) Connect DVM3 between FLG1 PCB pad and the
nearest SGND PCB pad for monitoring the charger
status.
10) Connect DVM4 between FLG2 PCB pad and the
nearest SGND PCB pad for monitoring the charger
status. See Table 5 for details.
11) Turn on LOAD and PS2. Verify that 12A load current
is supplied by PS2 and adjust the PS2 voltage to
maintain the EV kit terminal voltage at 3.5V.
12) Turn on the DC power supply (PS1).
13) The charger starts in CC state and the safety timer
starts counting. Verify that the DVM1 displays 1.5V,
proportional to the 10A charging current (ICHGMAX).
14) In CC state, observe that DVM3 and DVM4 displays
0V and 5.1V, respectively.
15) Increase the voltage on PS2 in steps of 10mV to
maintain the DVM2 reading at 4.1V when the char-
ger enters CV state, and the charging current starts
to fall from 10A. Verify that when DVM2 displays
above 4.1V, the voltage reading on DVM1 falls from
1.5V, proportional to charging current.
16) Increase the voltage on PS2 such that the charg-
ing current falls below the taper current threshold,
i.e.,1A. Verify that the DVM1 shows less than 0.15V,
proportional to the charging current. The charger
enters topup-charge state upon detecting the taper
current threshold.
17) In topup-charge state, the charger resets the safety
timer counter and starts the taper timer counter.
18) In the topup-charge state, the charger continues to
regulate the charging voltage. After 63 minutes, the
taper timer elapses, charging is terminated, and the
charger enters the full-battery state. Observe that
both DVM3 and DVM4 display 0V.
19) Reduce the PS2 voltage to less than the charger re-
charge threshold of 4V and observe that the charger
resumes charging automatically. Verify that DVM3
and DVM4 displays 0V and 5.1V, respectively.
20) After testing is completed, switch off PS1 and re-
move the connection.
21) Switch off PS2 and LOAD. Carefully remove the
preloaded supply connections from EV kit.
Figure 2. Preloaded Supply Connection with EV Kit
VOUT
PGND
+
-
DC
ELECTRONIC
LOAD
+
-
MAX17703EVKITA#
+
-
DCIN
PGND
DC
POWER
SUPPLY
(PS1)
DC
POWER
SUPPLY
(PS2)
PRELOADED SUPPLY


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com