Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17703EVKITA Datasheet HTML 1Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 2Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
Detailed Description
The MAX17703EVKITA# (EV kit) provides a charging solu-
tion for a 45Ahr Li-ion battery with a CC mode charging cur-
rent of 10A (ICHGMAX) and a CV mode voltage of 4.2V from
an 8.5V to 60V input supply. The EV kit features a 350kHz
switching frequency for optimum efficiency and component
size. The RT/SYNC PCB pad allows an external clock to
synchronize the device. The EV kit includes jumper J1 to
enable/disable the controller. The FLG1 and FLG2 PCB
pads allow monitoring of the charger status. The ISMON
PCB pad allows monitoring of the charging current.
Enable/Undervoltage-Lockout (EN/UVLO)
Programming
The EV kit offers an adjustable input undervoltage lockout
(UVLO) feature. Figure 3 shows the input undervoltage
lockout setting on the EV kit. The input voltage above which
the charger is enabled, can be set with a resistor-divider
connected to EN/UVLO from DCIN to PGND. See Table 1
for jumper J1 settings. To enable the charger and set the
UVLO, install the shunt across pins 1–2 on jumper J1. To
disable the charger, install a shunt across pins 2–3 on jump-
er J1. The VDCIN(MIN) is selected as 8.2V for this EV kit.
Choose R1 as follows:
DCIN(MIN)
R1 (10000 V
)
≤×
where VDCIN(MIN) is the voltage at which the device is
required to turn on.
Calculate the value of R2 using the following equation:
EN_TH_R
DCIN(MIN)
EN_TH_R
EN BIAS
V
R1
R2
V
V
(I
R1)
×
=
where:
IEN-BIAS = Internal bias pullup current on the EN/ULVO
pin (3µA)
VEN_TH_R = EN/UVLO pin rising threshold voltage
(1.25V)
For more details about setting the undervoltage lockout
level, refer to the MAX17703 datasheet.
CC Mode Charging Current Setting (ILIM)
The EV kit provides the CC mode charge current pro-
gramming feature. The ILIM PCB pad on the EV kit sup-
ports external control of the CC mode charging current
(ICHGMAX). See Table 2 for jumper J2 settings. To fix
the ICHGMAX at 10A, install a shunt across pins 1–2 on
jumper J2. To control ICHGMAX, install a shunt across pins
2–3 on jumper J2 and apply a voltage (VILIM) between the
ILIM_EXT test point and nearest SGND PCB pad. The
allowable voltage range on ILIM_EXT is 0.9V to 1.5V. To
fix the ICHGMAX at 6A, remove the shunt on jumper J2.
For more details about the CC mode charging current set-
ting, refer to the MAX17703 IC data sheet.
Figure 3. Setting the Input Undervoltage Lockout
Table 1. Charger Enable/Disable Jumper (J1) Settings
Table 2. CC Mode Charging Current Jumper (J2) Settings
*Default position.
*Default position.
JUMPER
SHUNT POSITION
EN/UVLO PIN
CHARGER OPERATION
J1
1–2*
Connected to the input UVLO divider
midpoint
Enabled. UVLO level is set
by the resistor divider from
DCIN to SGND/EP
2–3
Connected to SGND/EP
Disabled
JUMPER
SHUNT POSITION
ILIM PIN
ICHGMAX SETTING
J2
1–2*
Connected to VREF
10A
2–3
Connected to ILIM_EXT test point
6.67 x VILIM
Not installed
Connected to ILIM resistor divider
(R8 and R9) midpoint
6A
R1
R2
EN/UVLO
DCIN
D1
4.7V
VDCIN(MIN) TO VDCIN(MAX)
SGND/EP
3µA
MAX17703


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com