Electronic Components Datasheet Search
  English  ▼

X  

MAX17703EVKITA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17703EVKITA
Description  MAX17703 in 4.2V Li-Ion Battery Charger Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17703EVKITA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17703EVKITA Datasheet HTML 1Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 2Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17703EVKITA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX17703 in 4.2V Li-Ion
Battery Charger Application
MAX17703EVKITA# Evaluation Kit
Deeply Discharged Battery Detection and
Preconditioning
The EV kit features deeply-discharged battery detection
and preconditioning of the Li-ion battery. The deeply dis-
charged battery voltage level is set at 3V on the EV kit
as per a typical 4.2V/45Ahr Li-ion battery specification.
If the battery voltage detected is less than 3V across the
EV kit output, then the charger enters a precharge state.
In precharge state, the charging current is set at 1/10th
of ICHGMAX (1A) and the safety timer counter starts.
If the EV kit output is not reached above 3V within the
precharge-timer timeout (1.3 hours), the charger enters
a latched-fault state. Otherwise, the charger enters
CC state.
For the deeply discharged battery voltage-level setting
other than 3V, R3 and R4 components needs to be
changed on the EV kit. Use the following equations to
calculate the required R3 and R4 values for the deeply
discharged battery voltage-level setting (VOUTDD).
Select R3 in the range of 50kΩ to 100kΩ.
OUTDO
R3
R4
V
1
1.25
=



For more details about the battery precharge-state detec-
tion mechanism, refer to the MAX17703 IC data sheet.
Battery Operating Temperature Range
Setting (TEMP)
The EV kit features battery operating temperature range
setting (TEMP) and charges only when the battery tem-
perature is within the programmed operating temperature
range using a negative temperature coefficient (NTC)
thermistor. Figure 4 shows the TEMP setting on the EV
kit. The battery operating temperature range setting on
the EV kit is +5°C to +45°C. See Table 3 for jumper J3
settings. To disable the TEMP feature, install a shunt
across pins 1–2 on jumper J3. To enable the TEMP fea-
ture, install a shunt across 2–3 on jumper J3, and connect
a 47kΩ NTC thermistor (with B-constant (25°C - 85°C) =
4108, packed out with EV kit) at the RT1 PCB footprint on
the EV kit. The NTC thermistor head should be attached
on the battery to sense the battery temperature.
For changing the battery operating temperature range,
use the following equations to calculate the required R6
and R7 values for the desired battery operating tempera-
ture range.
(
)
(
)
NTCCOLD
NTCHOT
NTCCOLD
NTCHOT
NTCCOLD
NTCCOLD
1.25 R
R
R7
R
2.25 R
0.67 R
R7
R6
R
R7
××
=
×
××
=
+
where:
RNTCCOLD = Resistance value of the 47kΩ NTC thermis-
tor at minimum battery-operating temperature limit
RNTCHOT = Resistance value of the 47kΩ NTC thermistor
at maximum battery-operating temperature limit
Figure 4. Setting the Battery Operating Temperature Range
Table 3. TEMP Feature Jumper (J3) Settings
*Default position.
JUMPER
SHUNT POSITION
TEMP CONNECTION SETTING
TEMP FEATURE
J3
1-2*
Connected to the 47kΩ resistor (R5)
Disabled
2-3
Connected to the 47kΩ NTC thermistor
(RT1)
Enabled, set the operating battery
temperature range of +5°C to +45°C
R6
R7
TEMP
VREF
SGND/EP
MAX17703
RT1
ON BATTERY


Similar Part No. - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
More results

Similar Description - MAX17703EVKITA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com