Electronic Components Datasheet Search
  English  ▼

X  

ICS1893BKILF Datasheet(PDF) 107 Page - Integrated Circuit Systems

Part # ICS1893BKILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893BKILF Datasheet(HTML) 107 Page - Integrated Circuit Systems

Back Button ICS1893BKILF Datasheet HTML 103Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 104Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 105Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 106Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 107Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 108Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 109Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 110Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 111Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 133 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893BF, Rev. C, 9/29/05
September, 2005
107
ICS1893BF Data Sheet Rev. C - Release
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
9.3 Recommended Component Values
† There are two IEEE Std. 802.3 requirements that drive the tolerance for the frequency of the oscillator.
• Clause 22.2.2.1 requires the MII TX_CLK to have an accuracy of ± 100 ppm.
• Clause 24.2.3.4 is more stringent. It requires the code-bit timer to have an accuracy of 0.005% (that is, ±50 ppm).
Figure 9-1. ICS1893BF 10TCSR and 100TCSR
Table 9-3. Recommended Component Values for ICS1893BF
Parameter
Minimum
Typical
Maximum
Tolerance
Units
Oscillator Frequency
–
25
–
± 50 ppm †
MHz
10TCSR Resistor Value
–
2.00k
–
1%
Ω
100TCSR Resistor Value
–
See Figure 9-1
–1%
Ω
LED Resistor Value
510
1k
10k
–
Ω
Note:
1. The bias resistor networks set the 10baseT and 100baseTX output amplitude levels.
2. Amplitude is directly related to current sourced out of the 10TCSR and 100TCSR pins.
3. Resistor values shown above are typical. User should check amplitudes and adjust for transformer.
4. The VDD connection to the 12.1K resistor can connect to any VDD. The 12.1K resistor provides
negative feedback to compensate for VDD changes. Lowering the 12.1K value will lower the
100baseT amplitude.
5. The ICS1893BF 10baseT amplitude is below the IEEE spec but is adequate for 200m operation. This
is the effect of additional MUXes added for the Auto-MDIX function.
Typical Board Layouts
10TCSR and 100TCSR Bias Resistors
ICS1893BF
18
19
20
VDD
10TCSR
100TCSR
2.0K
Ω 1%
VDD
12.1 K
Ω 1%
10TCSR
1.54K
Ω 1%
100TCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com