Electronic Components Datasheet Search
  English  ▼

X  

Z8F082ASH020SC Datasheet(PDF) 110 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 110 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 106Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 107Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 108Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 109Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 110Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 111Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 112Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 113Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 114Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
92
asserts at least one UART bit period and no greater than two UART bit periods before the
Start bit is transmitted. This allows a setup time to enable the transceiver. The Driver
Enable signal deasserts one system clock period after the final Stop bit is transmitted. This
one system clock delay allows both time for data to clear the transceiver before disabling
it, as well as the ability to determine if another character follows the current character. In
the event of back to back characters (new data must be written to the Transmit Data Regis-
ter before the previous character is completely transmitted) the DE signal is not deasserted
between characters. The Depol bit in the UART Control Register 1 sets the polarity of the
Driver Enable signal.
Figure 13.UART Driver Enable Signal Timing (shown with 1 Stop Bit and Parity)
The Driver Enable to Start bit setup time is calculated as follows:
UART Interrupts
The UART features separate interrupts for the transmitter and the receiver. In addition,
when the UART primary functionality is disabled, the Baud Rate Generator can also func-
tion as a basic timer with interrupt capability.
Transmitter Interrupts
The transmitter generates a single interrupt when the Transmit Data Register Empty bit
(TDRE) is set to 1. This indicates that the transmitter is ready to accept new data for trans-
mission. The TDRE interrupt occurs after the Transmit shift register has shifted the first
bit of data out. The Transmit Data register can now be written with the next character to
send. This action provides 7 bit periods of latency to load the Transmit Data register
before the Transmit shift register completes shifting the current character. Writing to the
UART Transmit Data register clears the TDRE bit to 0.
Start
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Parity
Data Field
lsb
msb
Idle State
of Line
Stop Bit
1
1
0
0
1
DE
1
Baud Rate (Hz)
-------------------------------------
⎝⎠
⎛⎞
DE to Start Bit Setup Time (s)
2
Baud Rate (Hz)
-------------------------------------
⎝⎠
⎛⎞
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com