Electronic Components Datasheet Search
  English  ▼

X  

Z8F082ASH020SC Datasheet(PDF) 118 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 118 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 114Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 115Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 116Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 117Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 118Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 119Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 120Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 122Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
100
MPBT—Multiprocessor Bit Transmit
This bit is applicable only when MULTIPROCESSOR (9-bit) mode is enabled. The 9th bit
is used by the receiving device to determine if the data byte contains address or data infor-
mation.
0 = Send a 0 in the multiprocessor bit location of the data stream (data byte).
1 = Send a 1 in the multiprocessor bit location of the data stream (address byte).
DEPOL—Driver Enable Polarity
0 = DE signal is Active High.
1 = DE signal is Active Low.
BRGCTL—Baud Rate Control
This bit causes an alternate UART behavior depending on the value of the REN bit in the
UART Control 0 Register.
When the UART receiver is not enabled (REN=0), this bit determines whether the Baud
Rate Generator issues interrupts.
0 = Reads from the Baud Rate High and Low Byte registers return the BRG Reload Value
1 = The Baud Rate Generator generates a receive interrupt when it counts down to 0.
Reads from the Baud Rate High and Low Byte registers return the current BRG count
value.
When the UART receiver is enabled (REN=1), this bit allows reads from the Baud Rate
Registers to return the BRG count value instead of the Reload Value.
0 = Reads from the Baud Rate High and Low Byte registers return the BRG Reload Value.
1 = Reads from the Baud Rate High and Low Byte registers return the current BRG count
value. Unlike the Timers, there is no mechanism to latch the Low Byte when the High
Byte is read.
RDAIRQ—Receive Data Interrupt Enable
0 = Received data and receiver errors generates an interrupt request to the Interrupt Con-
troller.
1 = Received data does not generate an interrupt request to the Interrupt Controller. Only
receiver errors generate an interrupt request.
IREN—Infrared Encoder/Decoder Enable
0 = Infrared Encoder/Decoder is disabled. UART operates normally.
1 = Infrared Encoder/Decoder is enabled. The UART transmits and receives data through
the Infrared Encoder/Decoder.
UART Address Compare Register
The UART Address Compare register stores the multi-node network address of the UART.
When the MPMD[1] bit of UART Control Register 0 is set, all incoming address bytes are
compared to the value stored in the Address Compare register. Receive interrupts and
RDA assertions only occur in the event of a match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com