Electronic Components Datasheet Search
  English  ▼

X  

Z8F082ASH020SC Datasheet(PDF) 125 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 125 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 121Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 122Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 123Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 124Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 125Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 126Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 127Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 128Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 129Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Infrared Encoder/Decoder
Z8 Encore! XP® F08xA Series
Product Specification
107
minus four baud rate clocks to plus eight baud rate clocks around the expected time of an
incoming pulse. If an incoming pulse is detected inside this window this process is
repeated. If the incoming data is a logical 1 (no pulse), the Endec returns to the initial state
and waits for the next falling edge. As each falling edge is detected, the Endec clock
counter is reset, resynchronizing the Endec to the incoming signal, allowing the Endec to
tolerate jitter and baud rate errors in the incoming datastream. Resynchronizing the Endec
does not alter the operation of the UART, which ultimately receives the data. The UART is
only synchronized to the incoming data stream when a Start bit is received.
Infrared Encoder/Decoder Control Register Definitions
All Infrared Endec configuration and status information is set by the UART control regis-
ters as defined beginning on page 84.
To prevent spurious signals during IrDA data transmission, set the IREN bit in the
UART Control 1 register to 1 to enable the Infrared Encoder/Decoder before enabling
the GPIO Port alternate function for the corresponding pin.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com