Electronic Components Datasheet Search
  English  ▼

X  

Z8F082ASH020SC Datasheet(PDF) 144 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 144 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 140Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 141Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 142Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 143Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 144Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 145Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 146Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 147Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 148Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Memory
Z8 Encore! XP® F08xA Series
Product Specification
126
Flash Memory
Overview
The products in the Z8 Encore! XP® F08xA Series features 8KB (8192) KB of non-vola-
tile Flash memory with read/write/erase capability. The Flash Memory can be pro-
grammed and erased in-circuit by either user code or through the On-Chip Debugger.
The Flash memory array is arranged in pages with 512 bytes per page. The 512-byte page
is the minimum Flash block size that can be erased. Each page is divided into 8 rows of 64
bytes.
For program/data protection, the Flash memory is also divided into sectors. In the Z8
Encore! XP® F08xA Series, these sectors are 1024 bytes in size; so the Flash memory is
divided into eight sectors.
The first 2 bytes of the Flash Program memory are used as Flash Option Bits. Refer to the
chapter “Flash Option Bits” on page 138 for more information about their operation.
Table 77 describes the Flash memory configuration for each device in the Z8 Encore! XP®
F08xA Series. Figure 19 illustrates the Flash memory arrangement.
Table 77. Z8 Encore! XP® F08xA Series Flash Memory Configurations
Part Number
Flash Size
KB (Bytes)
Flash
Pages
Program Memory
Addresses
Flash Sector
Size (bytes)
Z8 Encore! XP® F08xA Series
8 (8192)
16
0000H–1FFFH
1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com