Electronic Components Datasheet Search
  English  ▼

X  

ROB-12142 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12142
Description  Servo Gear - Hitec (20T; Metal)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12142 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12142 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Servo Gear - Hitec (20T; Metal)
ROB-12142
images are CC BY-NC-SA 3.0
3D Download: STL, IGES, STEP
Description: These servo gears are made specifically to fit a Hitec C1 servo spline,
allowing you to mate other gears to your servo. They have 20 teeth with a gear pitch
of 32P, an outer diameter of 0.688”, and utilize the C1 Hitec servo spline.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Teeth - 20T at 32P
• OD - 0.688”
• C1 Hitec Spline
1/15/2016
https://www.sparkfun.com/products/12142


Similar Part No. - ROB-12142

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12140 SPARKFUN-ROB-12140 Datasheet
98Kb / 1P
   Gear - Pinion Gear (32T; 6mm Bore)
1/15/2016
ROB-12141 SPARKFUN-ROB-12141 Datasheet
90Kb / 1P
   Shaft - Solid (Stainless; 3/8D x 12L)
2/10/2016
ROB-12143 SPARKFUN-ROB-12143 Datasheet
95Kb / 1P
   Micro Gearmotor - 110 RPM (6-12V)
10/9/2015
ROB-12144 SPARKFUN-ROB-12144 Datasheet
176Kb / 1P
   Standard Gearmotor - 168 RPM (3-12V)
11/24/2015
ROB-12145 SPARKFUN-ROB-12145 Datasheet
96Kb / 1P
   Precision Disc Wheel - 2 (Clear Pink, 2 Pack)
2/12/2016
More results

Similar Description - ROB-12142

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12111 SPARKFUN-ROB-12111 Datasheet
95Kb / 1P
   Gear - Pinion Gear (20T; 6mm Bore)
1/15/2016
ROB-12529 SPARKFUN-ROB-12529 Datasheet
97Kb / 1P
   Gear - Pinion Gear (20T; 0.25 Bore)
2/3/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
   Servo Gear - Futaba (16T; Metal)
1/15/2016
logo
List of Unclassifed Man...
SER0002 ETC2-SER0002 Datasheet
138Kb / 3P
   Hitec HS422 Servo
5-30-17
logo
SparkFun Electronics
ROB-14760 SPARKFUN-ROB-14760 Datasheet
111Kb / 2P
   Servo - Generic Metal Gear (Micro Size)
6??9??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com