Electronic Components Datasheet Search
  English  ▼

X  

ROB-12258 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12258
Description  Servo Gear - Hitec (12T; Metal)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12258 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12258 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Servo Gear - Hitec (12T; Metal)
ROB-12258
images are CC BY-NC-SA 3.0
Description: These servo gears are made specifically to fit a Hitec C1 servo spline,
allowing you to mate other gears to your servo. They have 12 teeth with a gear pitch
of 32P, an outer diameter of 0.438”, and utilize the C1 Hitec servo spline.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Teeth - 12T at 32P
• OD - 0.438”
• C1 Hitec Spline
1/15/2016
https://www.sparkfun.com/products/12258


Similar Part No. - ROB-12258

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12250 SPARKFUN-ROB-12250 Datasheet
174Kb / 1P
   Aluminum Channel - 9.0
2/12/2016
ROB-12251 SPARKFUN-ROB-12251 Datasheet
90Kb / 1P
   Shaft Coupler - 1/4 to 1/4
1/15/2016
ROB-12252 SPARKFUN-ROB-12252 Datasheet
94Kb / 11P
   Side Mount Bracket (pair)
2/15/2016
ROB-12253 SPARKFUN-ROB-12253 Datasheet
89Kb / 1P
   Tube - Stainless (1OD x 12L x 0.88ID)
8/3/2016
ROB-12254 SPARKFUN-ROB-12254 Datasheet
122Kb / 1P
   Tubing - Aluminum (5/8OD x 10L x 0.569ID)
8/4/2016
More results

Similar Description - ROB-12258

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
   Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
   Servo Gear - Futaba (16T; Metal)
1/15/2016
logo
List of Unclassifed Man...
SER0002 ETC2-SER0002 Datasheet
138Kb / 3P
   Hitec HS422 Servo
5-30-17
logo
SparkFun Electronics
ROB-14760 SPARKFUN-ROB-14760 Datasheet
111Kb / 2P
   Servo - Generic Metal Gear (Micro Size)
6??9??8
logo
List of Unclassifed Man...
MG90S ETC2-MG90S Datasheet
149Kb / 2P
   MG90S servo, Metal gear with one bearing
logo
SparkFun Electronics
ROB-12227 SPARKFUN-ROB-12227 Datasheet
93Kb / 1P
   Servo Hub - Tall (Hitec Standard)
1/14/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com